Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTSB1.5/3-5.08 Datasheet(PDF) 18 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 18 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 14Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 15Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 16Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 17Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 18Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 19Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 20Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 21Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
www.irf.com
- 18 -
7. Dimensioning
7.1 Dimensioning: Basic settings
IREF needs to be set to the beginning, because IREF is also used for other settings.
A
k
V
R
V
I
REF
IREF
REF
100
20
2
(1)
CT sets the full bridge frequency.
Hz
nF
A
C
I
f
CT
SINK
SOURCE
CT
FB
147
68
8
80
8
/
,
(2)
CTIGN sets the timing for the ignition pulses.
A
nF
I
C
T
SINK
SOURCE
TIGN
TIGN
ON
IGN
6
1000
4
32
4
32
/
,
,
(3)
3
,
,
ON
IGN
OFF
IGN
T
T
(4)
CTCLK sets the time constants for the EOL (Under Voltage Fault/ Over Voltage Fault)
A
nF
I
C
T
SINK
SOURCE
TCLK
TCLK
UVFAULT
40
270
4
384
,
16
4
384
,
16
/
,
(5)
UVFAULT
OVFAULT
T
T
 4
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com