Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTSB1.5/3-5.08 Datasheet(PDF) 7 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 7 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 3Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 4Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 5Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 6Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 7Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 8Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 9Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 10Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.irf.com
- 7 -
5. Functional Description
HID lamps have unique electrical characteristics, and require a careful control method.
Specifically, they require a high voltage for ignition, typically 3 kV to 4 kV, current
limitation during warm-up, and constant power control during running. It is important to
tightly regulate lamp power with respect to lamp voltage to minimize lamp-to-lamp color
and brightness variations. Also, HID lamps should be driven using an AC-voltage to
avoid mercury migration, and at a low frequency, typically less than 200 Hz, to prevent
lamp damage or explosion due to acoustic resonance. All of these requirements are
integrated in the IRS2573D.
Figure 5.1: HID lamp ignition, warm-up and running modes
The IRS2573D is a fully-integrated, fully-protected 600V HID control IC designed to drive
all types of HID lamps. Internal circuitry provides control for ignition, warm-up, running
and fault operating modes.
The IRS2573D features include ignition timing control,
constant lamp power control, current limitation control, programmable full-bridge running
frequency, programmable over and under-voltage protection and programmable over-
current protection.
Advanced protection features such as failure of a lamp to ignite,
open load, short-circuit and a programmable fault counter have also been included in the
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com