Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPM3606GQV Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPM3606GQV Datasheet HTML 10Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 11Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 12Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 13Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 14Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 15Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 16Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 17Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
16
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 8: VOUT=5V, IOUT=0.6A
Figure 9: VOUT=3.3V, IOUT=0.6A
Figure 10: VOUT=2.5V, IOUT=0.6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com