Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPM3606GQV Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPM3606GQV Datasheet HTML 10Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 11Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 12Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 13Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 14Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 15Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 16Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 17Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MPM3606 Rev. 1.0
www.MonolithicPower.com
18
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-20 (3mmx5mmx1.6mm)
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) SHADED AREA IS THE KEEP-OUT ZONE. ANY
PCB METAL TRACE AND VIA ARE NOT ALLOWED
TO CONNECT TO THIS AREA ELECTRICALLY OR
MECHANICALLY.
3) EXPOSED PADDLE SIZE DOES NOT INCLUDE
MOLD FLASH.
4) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
5) JEDEC REFERENCE IS MO-220.
6) DRAWING IS NOT TO SCALE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com