Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPM3606GQV Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPM3606GQV Datasheet HTML 8Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 10Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 11Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 12Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 13Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 14Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 15Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
12
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Figure 3: 6.5V Zener Diode Connection
Internal Soft-Start
The soft-start prevents the converter output
voltage from overshooting during startup. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) that ramps up from 0V to
5V. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF
as the reference. The SS time is internally set
to 1.5ms.
Over-Current-Protection and Hiccup
The MPM3606 has a cycle-by-cycle over-
current limit when the inductor current peak
value exceeds the set current limit threshold.
Meanwhile, the output voltage drops until VFB is
below the Under-Voltage (UV) threshold—
typically 50% below the reference. Once UV is
triggered, the MPM3606 enters hiccup mode to
periodically restart the part. This protection
mode is especially useful when the output is
dead-shorted to ground, and greatly reduces
the average short circuit current to alleviate
thermal issues and protect the regulator. The
MPM3606 exits the hiccup mode once the over-
current condition is removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the silicon die reaches temperatures that
exceed 150°C, it shuts down the whole chip.
When the temperature drops below its lower
threshold, typically 130°C, the chip is enabled
again.
Floating Driver and Bootstrap Charging
An internal bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN through D1,
M1, C4, L1 and C2 (Figure 4). If (VIN-VSW)
exceeds 5V, U1 will regulate M1 to maintain a
5V BST voltage across C4.
Figure 4: Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN exceed their thresholds, the
chip starts. The reference block starts first,
generating
stable
reference
voltage
and
currents, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
Three events can shut down the chip: VIN low,
EN low and thermal shutdown. During the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com