Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPM3606GQV Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPM3606GQV
Description  21V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3606GQV Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPM3606GQV Datasheet HTML 1Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 2Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 3Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 4Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 5Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 6Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 7Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 8Page - Monolithic Power Systems MPM3606GQV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MPM3606 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3606 Rev. 1.0
www.MonolithicPower.com
5
8/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
Performance waveforms are captured from the evaluation board discussed in the Design
Example section.VIN = 12V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.
0
2
4
6
8
10
12
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
Load Regulation
VOUT =1.2V
LOAD CURRENT (A)
VIN=5V
VIN=12V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
00.2
0.4
0.6
Load Regulation
VOUT =1V
LOAD CURRENT (A)
VIN=5V
VIN=12V
LOAD CURRENT (A)
Efficiency vs. Load Current
VOUT =1V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
VIN=5V
VIN=12V
Line Regulation
VIN=5V-21V, VOUT =3.3V
0
5
10
15
20
25
IOUT = 0.1A
IOUT = 0.3A
IOUT = 0.6A
INPUT VOLTAGE (V)
0
20406080
100
Current Limit vs.
Duty Cycle
Case Temperature Rise vs.
Output Current
VOUT =5V
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
LOAD CURRENT (A)
VIN=8V
VIN=5V
VIN=12V
VIN=19V
Case Temperature Rise vs.
Output Current
VOUT =1.2V
VIN=12V
VOUT(V)
FREQUENCY(Hz)
Maximum VIN vs. VOUT
Bode Plot
IOUT =0.6A
-60
-40
-20
0
20
40
60
1,000
10,000
100,000
1,000,000
-180
-120
-60
0
60
120
180
10
12
14
16
18
20
22
0.8 1.3 1.8 2.3 2.8 3.3 3.8 4.3 4.8 5.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com