Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF4N60DI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KF4N60DI
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF4N60DI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KF4N60DI Datasheet HTML 1Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 2Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 3Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 4Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 5Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2013. 8. 05
3/6
KF4N60D/I
Revision No : 0
Gate - Source Voltage VGS (V)
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
Drain Current ID (A)
10
0
10
-1
10
1
10
2
68
410
02
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
025
0.9
1.0
1.3
1.2
1.1
50
75
100
125
150
175
Fig5. IS - VSD
0.2
0.4
0.8
1.0
1.2
0.6
1.4
10
6
4
2
0
8
14
23
8
567
Junction Temperature Tj (
)
C
Source - Drain Voltage VSD (V)
10
0
10
-1
10
1
10
2
Fig6. RDS(ON) - Tj
Junction Temperature Tj ( )
0
50
-100
-50
100
150
0.0
0.5
3.0
2.5
1.0
1.5
2.0
C
VGS =10V
IDS = 1.6A
V
GS = 0V
I
DS = 250
100 C
25 C
150 C
25 C
1100
0.1
10
10
-2
10
-1
10
0
10
1
VGS=10V, 7V
VGS=10V
VGS=7V
VDS=20V
VGS=5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com