Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF4N60DI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KF4N60DI
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF4N60DI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KF4N60DI Datasheet HTML 1Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 2Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 3Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 4Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 5Page - KEC(Korea Electronics) KF4N60DI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2013. 8. 05
4/6
KF4N60D/I
Revision No : 0
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
14
16
6
210
812
4
0
Fig 8. Qg- VGS
10
4
10
3
10
2
10
1
10
0
I
D=4A
VDS = 480V
Drain - Source Voltage VDS (V)
Fig 7. C - VDS
010
20
30
40
Ciss
Coss
Crss
Drain - Source Voltage VDS (V)
Fig9. Safe Operation Area
10
1
10
2
10
1
10
-1
10
0
10
0
10
2
10
2
10
3
0
3
1
2
6
5
4
75
150
125
50
100
025
C
Junction Temperature Tj ( )
Fig10. ID - Tj
Tc= 25
Tj = 150
Single pulse
C
C
DC
10ms
1ms
100
µs
Operation in this
area is limited by RDS(ON)
10
µs
TIME (sec)
Fig11. Transient Thermal Response Curve
10-5
10-3
10-2
10-1
100
101
10-4
10-2
10-1
100
- Duty Factor, D= t1/t2
Tj(max) - Tc
- RthJC =
PD
t1
t2
PDM
Single
Pulse
Duty=0.5
0.02
0.05
0.1
0.2
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com