Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2972 Datasheet(PDF) 59 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 59 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology LTC2972 Datasheet HTML 57Page - Linear Technology LTC2972 Datasheet HTML 58Page - Linear Technology LTC2972 Datasheet HTML 59Page - Linear Technology LTC2972 Datasheet HTML 60Page - Linear Technology LTC2972 Datasheet HTML 61Page - Linear Technology LTC2972 Datasheet HTML 62Page - Linear Technology LTC2972 Datasheet HTML 63Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 112 page
background image
LTC2972
59
2972fa
For more information www.linear.com/LTC2972
MFR_RESTART_DELAY
This command essentially sets the off time of a CONTROL pin initiated restart. If the CONTROL pin is toggled off for at
least 10µs then on, all dependent channels are disabled, held off for a time = Mfr_restart_delay, then sequenced back
on. CONTROL pin transitions whose OFF time exceeds Mfr_restart_delay are not affected by this command. A value
of all zeros disables this feature. This delay is counted using SHARE_CLK only.
This delay is internally limited to 13.1 seconds, and rounded to the nearest 200µs. The read value of this command
always returns what was last written and does not reflect internal limiting.
Clock Sharing
Multiple ADI PMBus devices can synchronize their clocks in an application by connecting together the open-drain
SHARE_CLK input/outputs to a pull-up resistor as a wired OR. In this case the fastest clock will take over and syn-
chronize all other chips to its falling edge.
SHARE_CLK can optionally be used to synchronize ON/OFF dependency on VIN across multiple chips by setting the
Mfr_config_all_vin_share_enable bit of the MFR_CONFIG_ALL register. When configured this way the chip will hold
SHARE_CLK low when the unit is off for insufficient input voltage, and upon detecting that SHARE_CLK is held low
the chip will disable both channels after a brief deglitch period. When the SHARE_CLK pin is allowed to rise, the chip
will respond by beginning a start sequence. In this case the slowest VIN_ON detection will take over and synchronize
other chips to its start sequence.
WATCHDOG TIMER AND POWER GOOD
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
MFR_PWRGD_EN
0xD4 Configuration that maps WDI/
RESETB status and individual channel
power good to the PWRGD pin.
R/W Word
N
Reg
Y
0x0000
62
MFR_POWERGOOD_ASSERTION_
DELAY
0xE1 Power-good output assertion delay.
R/W Word
N
L11
ms
Y
100
0xEB20
62
MFR_WATCHDOG_T_FIRST
0xE2 First watchdog timer interval.
R/W Word
N
L11
ms
Y
0
0x8000
63
MFR_WATCHDOG_T
0xE3 Watchdog timer interval.
R/W Word
N
L11
ms
Y
0
0x8000
63
MFR_PG_CONFIG
0xCB PG pin configuration
R/W Word
Y
Reg
Y
0xC046
60
MFR_PG_GPO
0xCE PG pin output data register
R/W Byte
Y
Reg
Y
0x00
62
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com