Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2972 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 38Page - Linear Technology LTC2972 Datasheet HTML 39Page - Linear Technology LTC2972 Datasheet HTML 40Page - Linear Technology LTC2972 Datasheet HTML 41Page - Linear Technology LTC2972 Datasheet HTML 42Page - Linear Technology LTC2972 Datasheet HTML 43Page - Linear Technology LTC2972 Datasheet HTML 44Page - Linear Technology LTC2972 Datasheet HTML 45Page - Linear Technology LTC2972 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
LTC2972
42
2972fa
For more information www.linear.com/LTC2972
Tracking Supplies On and Off
The LTC2972 supports tracking power supplies that are equipped with a tracking pin and configured for tracking.
A tracking power supply uses a secondary feedback terminal (TRACK) to allow its output voltage to be scaled to an
external master voltage. Typically the external voltage is generated by the supply with the highest voltage in the sys-
tem, which is fed to the slave track pins (see Figure 16). Supplies that track a master supply must be enabled before
the master supply comes up and disabled after the master supply comes down. Enabling the slave supplies when
the master is down requires supervisors monitoring the slaves to disable UV detection. Both channels configured
for tracking must track off together in response to a fault on any channel or any other condition that can bring one
or more of the channels down. Prematurely disabling a slave channel via its RUN pin may cause that channel to shut
down out of sequence (see Figure 19)
An important feature of the LTC2972 is the ability to control, monitor and supervise DC/DC converters that are config-
ured to track a master supply on and off.
The LTC2972 supports the following tracking features:
• Track channels on and off without issuing false UV events when the slave channels are tracking up or down.
• Track channels down in response to a fault from a slave or master.
• Track channels down when VIN_SNS drops below VIN_OFF, share clock is held low or RESTORE_USER_ALL is
issued.
• Ability to reconfigure selected channels that are part of a tracking group to sequence up after the group has tracked
up or sequence down before the group has tracked down.
Tracking Implementation
TheLTC2972supportstrackingthroughthecoordinatedprogramingofTon_delay,Ton_rise,Toff_delayandMfr_config_
track_en. The master channel must be configured to turn on after all the slave channels have turned on and to turn off
before all the slave channels turn off. Slaves that are enabled before the master will remain off until the tracking pin
allows them to turn on. Slaves will be turned off via the tracking pin even though their run pin is still asserted. Ton_rise
must be extended on the slaves so that it ends relative to the rise of the TRACK pin and not the rise of the VOUT_EN pin.
Figure 16. LTC2972 Configured to Control, Supervise and Monitor Power Supplies Equipped with Tracking Pin
PMBus COMMAND DESCRIPTION
VOUTP
RUN
VOUTM
VSENSEP0
VSENSEM0
TRACK
FAULTB0
FAULTB0
LTC2972
CONTROL0
VOUT_EN0
CONTROL0
DC/DC
LOAD
VOUTP
RUN
VOUTM
VSENSEP1
VSENSEM1
TRACK
VOUT_EN1
DC/DC
LOAD
VFB
VDAC0
VFB
VDAC1
VSENSEP0
VSENSEP1
VSENSEM0
VSENSEM1
2972 F16
R2_1
R1_1
PWRGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com