Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2972 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 25Page - Linear Technology LTC2972 Datasheet HTML 26Page - Linear Technology LTC2972 Datasheet HTML 27Page - Linear Technology LTC2972 Datasheet HTML 28Page - Linear Technology LTC2972 Datasheet HTML 29Page - Linear Technology LTC2972 Datasheet HTML 30Page - Linear Technology LTC2972 Datasheet HTML 31Page - Linear Technology LTC2972 Datasheet HTML 32Page - Linear Technology LTC2972 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
LTC2972
29
2972fa
For more information www.linear.com/LTC2972
Summary Table
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS EEPROM
DEFAULT
VALUE:
FLOAT
HEX
REF
PAGE
MFR_PWRGD_EN
0xD4 Configuration that maps WDI/RESETB status
and individual channel power good to the
PWRGD pin.
R/W Word
N
Reg
Y
0x0000
62
MFR_FAULTB0_RESPONSE
0xD5 Action to be taken by the device when the
FAULTB0 pin is asserted low.
R/W Byte
N
Reg
Y
0x00
67
MFR_FAULTB1_RESPONSE
0xD6 Action to be taken by the device when the
FAULTB1 pin is asserted low.
R/W Byte
N
Reg
Y
0x00
67
MFR_IOUT_PEAK
0xD7 Maximum measured value of READ_IOUT.
R Word
Y
L11
A
NA
78
MFR_IOUT_MIN
0xD8 Minimum measured value of READ_IOUT.
R Word
Y
L11
A
NA
79
MFR_CONFIG2_LTC2972
0xD9 Configuration bits that are channel specific.
R/W Byte
N
Reg
Y
0x00
41
MFR_CONFIG3_LTC2972
0xDA Configuration bits that are channel specific.
R/W Byte
N
Reg
Y
0x00
41
MFR_RETRY_DELAY
0xDB Retry interval during FAULT retry mode.
R/W Word
N
L11
ms
Y
200
0xF320
66
MFR_RESTART_DELAY
0xDC Delay from actual CONTROL active edge to
virtual CONTROL active edge.
R/W Word
N
L11
ms
Y
400
0xFB20
59
MFR_VOUT_PEAK
0xDD Maximum measured value of READ_VOUT.
R Word
Y
L16
V
NA
78
MFR_VIN_PEAK
0xDE Maximum measured value of READ_VIN.
R Word
N
L11
V
NA
78
MFR_TEMPERATURE_1_PEAK 0xDF Maximum measured value of READ_
TEMPERATURE_1.
R Word
Y
L11
°C
NA
78
MFR_DAC
0xE0 The code of the 10-bit DAC.
R/W Word
Y
Reg
NA
53
MFR_POWERGOOD_
ASSERTION_DELAY
0xE1 PWRGD pin output assertion delay.
R/W Word
N
L11
ms
Y
100
0xEB20
62
MFR_WATCHDOG_T_FIRST
0xE2 First watchdog timer interval.
R/W Word
N
L11
ms
Y
0
0x8000
63
MFR_WATCHDOG_T
0xE3 Watchdog timer interval.
R/W Word
N
L11
ms
Y
0
0x8000
63
MFR_PAGE_FF_MASK
0xE4 Configuration defining which channels
respond to global page commands
(PAGE=0xFF).
R/W Byte
N
Reg
Y
0x03
33
MFR_PADS
0xE5 Current state of selected digital I/O pads.
R/W Word
N
Reg
NA
72
MFR_I2C_BASE_ADDRESS
0xE6 Base value of the I2C/SMBus address byte.
R/W Byte
N
Reg
Y
0x5C
33
MFR_SPECIAL_ID
0xE7 Manufacturer code for identifying the
LTC2972.
R Word
N
Reg
Y
784
0x0310
88
MFR_IIN_CAL_GAIN
0xE8 The nominal resistance of the input current
sense element in mΩ.
R/W Word
N
L11
mΩ
Y
1.0
0xBA00
51
MFR_VOUT_DISCHARGE_
THRESHOLD
0xE9 Coefficient used to multiply VOUT_
COMMAND in order to determine VOUT off
threshold voltage.
R/W Word
Y
L11
Y
2.0
0xC200
53
MFR_FAULT_LOG_STORE
0xEA Command a transfer of the fault log from
RAM to EEPROM.
Send Byte
N
NA
80
MFR_FAULT_LOG_RESTORE
0xEB Command a transfer of the fault log
previously stored in EEPROM back to RAM.
Send Byte
N
NA
80
MFR_FAULT_LOG_CLEAR
0xEC Initialize the EEPROM block reserved for
fault logging and clear any previous fault
logging locks.
Send Byte
N
NA
80
PMBus COMMAND SUMMARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com