Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2972 Datasheet(PDF) 94 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 94 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 90Page - Linear Technology LTC2972 Datasheet HTML 91Page - Linear Technology LTC2972 Datasheet HTML 92Page - Linear Technology LTC2972 Datasheet HTML 93Page - Linear Technology LTC2972 Datasheet HTML 94Page - Linear Technology LTC2972 Datasheet HTML 95Page - Linear Technology LTC2972 Datasheet HTML 96Page - Linear Technology LTC2972 Datasheet HTML 97Page - Linear Technology LTC2972 Datasheet HTML 98Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
LTC2972
94
2972fa
For more information www.linear.com/LTC2972
• DAC manual with soft-connect. Non servo mode. The
DAC soft connects to the feedback node. Soft-connect
drives the DAC code to match the voltage at the feed-
back node. After connection, the DAC is moved by
writing DAC codes to the MFR_DAC.
• DAC manual with hard connect. Non servo mode. The
DAC hard connects to the feedback node using the
current value in MFR_DAC. After connection, the DAC
is moved by writing DAC codes to the MFR_DAC.
Margining
The LTC2972 margins and trims the output of a DC/DC
converter by forcing a voltage across an external resistor
connected between the DAC output and the feedback node
or the trim pin. Preset limits for margining are stored in
the VOUT_MARGIN_HIGH/LOW registers. Margining is
actuated by writing the appropriate bits to the OPERA-
TION register.
Margining requires the DAC to be connected. Margin
requests that occur when the DAC is disconnected will
be ignored.
Off Sequencing
An off sequence is initiated using the CONTROL pin or the
OPERATIONcommand.TheTOFF_DELAYvaluedetermines
the amount of time that elapses from the beginning of the
off sequence until each channel’s VOUT_EN pin is pulled
low, thus disabling its DC/DC converter.
VOUT Off Threshold Voltage
The MFR_VOUT_DISCHARGE_THRESHOLD command
register allows the user to specify the OFF threshold that
the output voltage must decay below before the channel
can enter/re-enter the ON state. The OFF threshold voltage
is specified by multiplying MFR_VOUT_DISCHARGE_
THRESHOLD and VOUT_COMMAND. In the event that an
output voltage has not decayed below its OFF threshold
before attempting to enter the ON state, the channel will
continue to be held off, the appropriate bit is set in the
STATUS_MFR_SPECIFICregister,andtheALERTBpinwill
be asserted low. When the output voltage has decayed
belowitsOFFthreshold,thechannelcanentertheONstate.
Automatic Restart via MFR_RESTART_DELAY
Command and CONTROL Pin
An automatic restart sequence can be initiated by driving
theCONTROLpintotheoffstatefor>10μsandthenreleas-
ing it. The automatic restart disables both VOUT_EN pins
that are mapped to a particular CONTROL pin for a time
period = MFR_RESTART_DELAY and then starts all DC/
DCConvertersaccordingtotheirrespectiveTON_DELAYs.
(see Figure 29). VOUT_EN pins are mapped to one of the
CONTROLpinsbytheMFR_CONFIG_LTC2972command.
This feature allows a host that is about to reset to restart
the power in a controlled manner after it has recovered.
APPLICATIONS INFORMATION
Figure 29. Off Sequence with Automatic Restart
VCONTROL
VOUT_EN0
CONTROL
PIN BOUNCE
TOFF_DELAY0
TON_DELAY0
2972 F29
MFR_RESTART_DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com