Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD6636BBCZ1 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 36Page - Analog Devices AD6636BBCZ1 Datasheet HTML 37Page - Analog Devices AD6636BBCZ1 Datasheet HTML 38Page - Analog Devices AD6636BBCZ1 Datasheet HTML 39Page - Analog Devices AD6636BBCZ1 Datasheet HTML 40Page - Analog Devices AD6636BBCZ1 Datasheet HTML 41Page - Analog Devices AD6636BBCZ1 Datasheet HTML 42Page - Analog Devices AD6636BBCZ1 Datasheet HTML 43Page - Analog Devices AD6636BBCZ1 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
AD6636
Rev. 0 | Page 40 of 72
I
Q
2×
POWER OF 2
P POLE
R DESIRED
I
Q
CLIP
22
BITS
PROGRAMMABLE
BIT WIDTH
ERROR
K1 GAIN
USED ONLY FOR
DESIRED CLIPPING
LEVEL MODE
GAIN MULTIPLIER
K2 GAIN
E ERROR
THRESHOLD
K× z–1
1 – (1 + P) × z–1 + P × z–2
SQUARE ROOT
AVERAGE 1 – 16384 SAMPLES
DECIMATE 1 – 4096 SAMPLES
log2(x)
MEAN SQUARE (I2 + Q2)
CLIP
Figure 39: Block Diagram of the AGC
Desired Signal Level Mode
In this mode of operation, the AGC strives to maintain the
output signal at a programmable set level. The desired signal
level mode is selected by writing Logic 0 into the AGC clipping
error enable bit of the AGC control register. The loop finds the
square (or power) of the incoming complex data signal by
squaring I and Q and adding them.
The AGC loop has an average and decimate block. This average
and decimate operation takes place on power samples and
before the square root operation. This block can be pro-
grammed to average from 1 to 16,384 power samples, and the
decimate section can be programmed to update the AGC once
every 1 to 4,096 samples. The limitation on the averaging
operation is that the number of averaged power samples should
be a multiple of the decimation value (1×, 2×, 3×, or 4×).
The averaging and decimation effectively means that the AGC
can operate over averaged power of 1 to 16,384 output samples.
Updating the AGC once every 1 to 4,096 samples and operating
on average power facilitates the implementation of the loop
filter with slow time constants, where the AGC error converges
slowly and makes infrequent gain adjustments. It is also useful
when the user wants to keep the gain scaling constant over a
frame of data or a stream of symbols.
Due to the limitation that the number of average samples must
be a multiple of the decimation value, only the multiple
numbers 1, 2, 3, or 4 are programmed. This is set using the AGC
average samples word in the AGC average sample register.
These averaged samples are then decimated with decimation
ratios programmable from 1 to 4,096. This decimation ratio is
defined in the 12-bit AGC update decimation register.
The average and decimate operations are tied together and
implemented using a first-order CIC filter and FIFO registers.
Gain and bit growth are associated with CIC filters and depend
on the decimation ratio. To compensate for the gain associated
with these operations, attenuation scaling is provided before the
CIC filter.
This scaling operation accounts for the division associated with
the averaging operation as well as the traditional bit growth in
CIC filters. Because this scaling is implemented as a bit-shift
operation, only coarse scaling is possible. Fine scaling is
implemented as an offset in the request level, as explained later
in this section. The attenuation scaling SCIC is programmable
from 0 to 14 using a 4-bit CIC scale word in the AGC average
samples register and is given by
(
)
[
]
avg
CIC
CIC
N
M
ceil
S
×
=
2
log
where:
MCIC is the decimation ratio (1 to 4,096).
NAVG is the number of averaged samples programmed as a
multiple of the decimation ratio (1, 2, 3, or 4).
For example, if a decimation ratio Mcic is 1,000 and Navg is 3
(decimation of 1,000 and averaging of 3,000 samples), then the
actual gain due to averaging and decimation is 3,000 or 69.54
dB (log2 (3000)). Because attenuation is implemented as a bit-
shift operation, only multiples of 6.02 dB attenuations are
possible. SCIC in this case is 12, corresponding to 72.24 dB. This
way, SCIC scaling always attenuates more than is sufficient to
compensate for the gain in the average and decimate sections
and, therefore, prevents overflows in the AGC loop. But it is also
evident that the SCIC scaling induces a gain error (the difference
between gain due to CIC and attenuation provided by scaling)
of up to 6.02 dB. This error should be compensated for in the
request signal level, as explained later in this section.
A logarithm to the Base 2 is applied to the output from the
average and decimate section. These decimated power samples
are converted to rms signal samples by applying a square root
operation. This square root is implemented using a simple shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com