Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD6636BBCZ1 Datasheet(PDF) 68 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 64Page - Analog Devices AD6636BBCZ1 Datasheet HTML 65Page - Analog Devices AD6636BBCZ1 Datasheet HTML 66Page - Analog Devices AD6636BBCZ1 Datasheet HTML 67Page - Analog Devices AD6636BBCZ1 Datasheet HTML 68Page - Analog Devices AD6636BBCZ1 Datasheet HTML 69Page - Analog Devices AD6636BBCZ1 Datasheet HTML 70Page - Analog Devices AD6636BBCZ1 Datasheet HTML 71Page - Analog Devices AD6636BBCZ1 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
AD6636
Rev. 0 | Page 68 of 72
<12>: Port B, AGC 4 Enable Bit. Similar to Bit <13> for AGC 4.
<11>: Port B, AGC 3 Enable Bit. Similar to Bit <13> for AGC 3.
<10>: Port B, AGC 2 Enable Bit. Similar to Bit <13> for AGC 2.
<9>: Port B, AGC 1 Enable Bit. Similar to Bit <13> for r AGC 1.
<8>: Port B, AGC 0 Enable Bit. Similar to Bit <13> for AGC 0.
<7>: Port A Append RSSI Bit. When this bit is set, an RSSI word
is appended to every I/Q output sample, irrespective of whether
or not the RSSI word is updated in the AGC. When this bit is
cleared, an RSSI word is appended to an I/Q output sample only
when the RSSI word is updated. The RSSI word is not output for
subsequent I/Q samples until the next time RSSI is updated
again in the AGC.
<6>: Port A, Data Format Bit. When this bit is set, the port is
configured for 8-bit parallel I/Q mode. When this bit is cleared,
the port is configured for 16-bit interleaved I/Q mode. See the
Parallel Port Output section.
<5>: Port A, AGC 5 Enable Bit. When this bit is set, AGC 5 data
(I/Q data) is output on parallel output Port A (data bus). When
this bit is cleared, AGC 5 data does not appear on output Port C.
<4>: Port A, AGC 4 Enable Bit. Similar to Bit <5> for AGC 4.
<3>: Port A, AGC 3 Enable Bit. Similar to Bit <5> for AGC 3.
<2>: Port A, AGC 2 Enable Bit. Similar to Bit <5> for AGC 2.
<1>: Port A, AGC 1 Enable Bit. Similar to Bit <5> for AGC 1.
<0>: Port A, AGC 0 Enable Bit. Similar to Bit <5> for AGC 0.
Output Port Control <9:0>
<9:8>: PCLK Divisor Bits. When a parallel port is in master
mode, the PCLK is derived from the PLL_CLK. These bits
define the value of the divisor used to divide the PLL_CLK to
obtain the PCLK. These bits are don’t care in slave mode.
Table 43. PCLK Divisor Bits
PCLK Divisor <7:6>
Divisor Value
00
1
01
2
10
4
11
8
<7>: PCLK Master Mode Bit. When the PCLK master mode bit
is set, the PCLK pin is configured as an output and the PCLK is
driven by the PLL_CLK. Data is transferred out of the AD6636
synchronous to this output clock. When this bit is cleared, the
PCLK pin is configured as an input. The user is required to
provide a PCLK, and data is transferred out of the AD6636
synchronous to this input clock. On power-up, this bit is cleared
to avoid contention on the PCLK pin.
<6:4>: Complex Control Bits. These bits are described in
Table 44.
Table 44. Complex Control Bits
Complex Control <6:4>
Comment
000
No complex filters
Stream control register controls
AGC usage.
001
Str0/1 combined
Ch 0 and Ch 1 form a complex
filter.
010
Str0/1 combined,
Str2/3 combined
Ch 0 and Ch 1 form a complex
filter; Ch 2 and Ch 3 form a
complex filter.
011
Str0/1 combined,
Str2/3 combined,
Str 4/5 combined
Ch 0 and Ch 1 form a complex
filter; Ch 2 and Ch 3 form a
complex filter; Ch 4 and Ch 5
form a complex filter.
101
Str0/1 combined
Ch 0 and Ch 1 form a biphase
filter.
110
Str0/1 combined,
Str2/3 combined
Ch 0 and Ch 1 form a biphase
filter; Ch 2 and Ch 3 to form a
biphase filter.
111
Str0/1 combined,
Str2/3 combined,
Str 4/5 combined
Ch 0 and Ch 1 to form a biphase
filter; Ch 2 and Ch 3 to form a
biphase filter; Ch 4 and Ch 5 to
form a biphase filter.
<3:0>: Stream Control Bits. These bits are described in Table 45.
Table 45. Stream Control Bits
Stream
Control Bits
Output Streams (str0, str1,
str2, str3, str4, str5)
Number of
Streams
0000
Ch 0/1 combined; Ch 2, Ch 3,
Ch 4, Ch 5 independent
5
0001
Ch 0/1/2 combined; Ch 3, Ch 4,
Ch 5 independent
4
0010
Ch 0/1/2/3 combined; Ch 4, Ch
5 independent
3
0011
Ch 0/1/2/3/4 combined; Ch 5
independent
2
0100
Ch 0/1/2/3/4/5 combined
1
0101
Ch 0/1/2 combined, Ch 3/4/5
combined
2
0110
Ch 0/1 combined, Ch 2/3
combined, Ch 4/5 combined
3
0111
Ch 0/1 combined, Ch 2/3
combined, Ch 4, Ch 5
independent
3
1000
Ch 0/1/2 combined, Ch 3/4
combined, 5 independent
3
1001
Ch 0/1/2/3 combined, Ch 4/5
combined.
2
Default
Independent channels
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com