Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD6636BBCZ1 Datasheet(PDF) 61 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 57Page - Analog Devices AD6636BBCZ1 Datasheet HTML 58Page - Analog Devices AD6636BBCZ1 Datasheet HTML 59Page - Analog Devices AD6636BBCZ1 Datasheet HTML 60Page - Analog Devices AD6636BBCZ1 Datasheet HTML 61Page - Analog Devices AD6636BBCZ1 Datasheet HTML 62Page - Analog Devices AD6636BBCZ1 Datasheet HTML 63Page - Analog Devices AD6636BBCZ1 Datasheet HTML 64Page - Analog Devices AD6636BBCZ1 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
AD6636
Rev. 0 | Page 61 of 72
<2>: Port CD Amplitude Correction Enable Bit. When this bit is
set, the amplitude correction function of the I/Q correction
logic for the AB port is enabled. When this bit is cleared, the
amplitude correction value is given by the value of the AB
amplitude correction register. If the Port A complex data active
bit of the ADC input control register is cleared (real input
mode), this bit is a don’t care.
<1>: Port CD Phase Correction Enable Bit. When this bit is set,
the phase correction function of the I/Q correction logic for the
AB port is enabled. When this bit is cleared, the phase
correction value is given by the value of the AB phase
correction register. If the Port A complex data active bit of the
ADC input control register is cleared (real input mode), this bit
is a don’t care.
<0>: Port CD DC Correction Enable Bit. When the dc
correction enable bit is set, the dc offset correction function of
the I/Q correction block for the AB port is enabled. When
cleared, the dc offset correction value is given by the value of
the AB offset correction registers. If the Port A complex data
active bit of the ADC input control register is cleared (real input
mode), this bit is a don’t care.
Port AB, DC Offset Correction I <15:0>
This register holds the in-phase signal dc offset correction value
for complex data stream when dc correction is enabled. This
value should be set manually when automatic correction is
disabled. This 16-bit value is subtracted from the 16-bit ADC
Port A data (in-phase signal). This data is a don’t care in real
input mode.
Port AB, DC Offset Correction Q <15:0>
This register holds the quadrature phase signal dc offset
correction value for complex data stream when dc correction
enabled. This value should be set manually when automatic
correction is disabled. This 16-bit value is subtracted from the
16-bit ADC Port B data (quadrature phase signal). This data is a
don’t care in real input mode.
Port CD, DC Offset Correction I <15:0>
This register holds the in-phase signal dc offset correction value
for complex data stream when dc correction is enabled. This
value should be set manually when automatic correction is
disabled. This 16-bit value is subtracted from the 16-bit ADC
Port C data (in-phase signal). This data is a don’t care in real
input mode.
Port CD, DC Offset Correction Q <15:0>
This register holds the quadrature phase signal dc offset
correction value for complex data stream when dc correction is
enabled. This value should be set manually when automatic
correction is disabled. This 16-bit value is subtracted from the
16-bit ADC Port D data (quadrature phase signal). This data is a
don’t care in real input mode.
Port AB, Phase Offset Correction <15:0>
This register holds the phase offset correction value for complex
data stream when the AB port phase correction is enabled. This
value is set manually when automatic correction is disabled.
This value is calculated as tan(phase_mismatch), where
phase_mismatch is the mismatch in phase between I (in-phase
signal) and Q (quadrature phase signal). This 14-bit value is
multiplied with 16-bit Q (quadrature phase signal, Input Port B)
and added to 16-bit I (in-phase signal, Input Port A). This data
is a don’t care in real input mode.
Port AB, Amplitude Offset Correction <15:0>
This register holds the amplitude offset correction value for
complex data stream when the AB port amplitude correction is
enabled. This value is set manually when automatic correction
is disabled. This value is calculated as (Mag(Q) − Mag(I)),
where I is the in-phase signal and Q is the quadrature phase
signal. This 14-bit value is multiplied with 16-bit Q (quadrature
phase signal, Input Port B) and added to 16-bit Q (quadrature
phase signal, Input Port B). This data is a don’t care in real input
mode.
Port CD, Phase Offset Correction <15:0>
This register holds the phase offset correction value for the
complex data stream when CD port phase correction is enabled.
This value should be set manually when automatic correction is
disabled. This value should be calculated as tangent
(phase_mismatch), where phase_mismatch is the mismatch in
phase between I (in-phase signal) and Q (quadrature phase
signal). This 14-bit value is multiplied with 16-bit Q
(quadrature phase signal, Input Port D) and added to 16-bit I
(in-phase signal, Input Port C). This data is a don’t care in real
input mode.
Port CD, Amplitude Offset Correction <15:0>
This register holds the amplitude offset correction value for
complex data stream when CD port amplitude correction is
enabled. This value is set manually when automatic correction
is disabled. This value is calculated as (Mag(Q) − Mag(I)),
where I is the in-phase signal and Q is the quadrature phase
signal. This 14-bit value are multiplied with 16-bit Q
(quadrature phase signal, Input Port D) and added to 16-bit Q
(quadrature phase signal, Input Port D). This data is a don’t care
in real input mode.
Port A Gain Control <7:0>
<7>: This bit is open.
<6:1>: This 6-bit word specifies the relinearization pipe delay to
be used in the ADC input gain control block. The decimal
representation of these bits is the number of input clock cycle
pipeline delays between the external EXP data output and the
internal application of relinearization based on EXP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com