Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3L02DQ Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS3L02DQ Datasheet HTML 7Page - STMicroelectronics LIS3L02DQ Datasheet HTML 8Page - STMicroelectronics LIS3L02DQ Datasheet HTML 9Page - STMicroelectronics LIS3L02DQ Datasheet HTML 10Page - STMicroelectronics LIS3L02DQ Datasheet HTML 11Page - STMicroelectronics LIS3L02DQ Datasheet HTML 12Page - STMicroelectronics LIS3L02DQ Datasheet HTML 13Page - STMicroelectronics LIS3L02DQ Datasheet HTML 14Page - STMicroelectronics LIS3L02DQ Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
LIS3L02DQ
5
REGISTERS MAPPING
The table given below provides a listing of the registers embedded in the device and the related address.
All the “application related” registers (i.e. control, status, data) are mapped into Bank2 so to simplify their
access when running through the SPI interface.
Reg. Name
Type
Register Address
Size
(Bit)
Comment
Binary
Hex
0000000 - 0010101
00 - 15
Reserved
OFFSET_X
rw
0010110
16
8
Loaded at boot
OFFSET_Y
rw
0010111
17
8
Loaded at boot
OFFSET_Z
rw
0011000
18
8
Loaded at boot
GAIN_X
rw
0011001
19
8
Loaded at boot
GAIN_Y
rw
0011010
1A
8
Loaded at boot
GAIN_Z
rw
0011011
1B
8
Loaded at boot
0011100 - 0011111
1C - 1F
Reserved
CTRL_REG1
rw
0100000
20
8
CTRL_REG2
rw
0100001
21
8
0100010
22
Reserved
WAKE_UP_CFG
rw
0100011
23
8
WAKE_UP_SRC
r
0100100
24
8
WAKE_UP_ACK
r
0100101
25
8
0100110
26
Reserved
STATUS_REG
rw
0100111
27
8
OUTX_L
r
0101000
28
8
OUTX_H
r
0101001
29
8
OUTY_L
r
0101010
2A
8
OUTY_H
r
0101011
2B
8
OUTZ_L
r
0101100
2C
8
OUTZ_H
r
0101101
2D
8
THS_L
rw
0101110
2E
8
THS_H
rw
0101111
2F
8
0110000 - 1111111
30 - 3F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com