Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3L02DQ Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS3L02DQ Datasheet HTML 8Page - STMicroelectronics LIS3L02DQ Datasheet HTML 9Page - STMicroelectronics LIS3L02DQ Datasheet HTML 10Page - STMicroelectronics LIS3L02DQ Datasheet HTML 11Page - STMicroelectronics LIS3L02DQ Datasheet HTML 12Page - STMicroelectronics LIS3L02DQ Datasheet HTML 13Page - STMicroelectronics LIS3L02DQ Datasheet HTML 14Page - STMicroelectronics LIS3L02DQ Datasheet HTML 15Page - STMicroelectronics LIS3L02DQ Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LIS3L02DQ
12/19
6
REGISTERS DESCRIPTION
The device contains a set of registers which are used to control its behavior and to retrieve acceleration data.
6.1 OFFSET_X (16h)
6.2 OFFSET_Y (17h)
6.3 OFFSET_Z (18h)
6.4 GAIN_X (19h)
6.5 GAIN_Y (1Ah)
6.6 GAIN_Z (1Bh)
OX7
OX6
OX5
OX4
OX3
OX2
OX1
OX0
OX7, OX0
Digital Offset Trimming for X-Axis
OY7OY6
OY5OY4
OY3
OY2
OY1OY0
DOY7, DOY0
Digital Offset Trimming for Y-Axis
OZ7OZ6
OZ5
OZ4
OZ3OZ2
OZ1OZ0
OZ7, OZ0
Digital Offset Trimming for Z-Axis
GX7GX6
GX5
GX4
GX3GX2
GX1GX0
GX7, GX0
Digital Gain Trimming for X-Axis
GY7GY6
GY5
GY4
GY3GY2
GY1GY0
GY7, GY0
Digital Gain Trimming for Y-Axis
GZ7GZ6
GZ5
GZ4
GZ3GZ2
GZ1GZ0
GZ7, GZ0
Digital Gain Trimming for Z-Axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com