Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3L02DQ Datasheet(PDF) 15 Page - STMicroelectronics

Part # LIS3L02DQ
Description  INERTIAL SENSOR: 3Axis - 2g DIGITAL OUTPUT LINEAR ACCELEROMETER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02DQ Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LIS3L02DQ Datasheet HTML 11Page - STMicroelectronics LIS3L02DQ Datasheet HTML 12Page - STMicroelectronics LIS3L02DQ Datasheet HTML 13Page - STMicroelectronics LIS3L02DQ Datasheet HTML 14Page - STMicroelectronics LIS3L02DQ Datasheet HTML 15Page - STMicroelectronics LIS3L02DQ Datasheet HTML 16Page - STMicroelectronics LIS3L02DQ Datasheet HTML 17Page - STMicroelectronics LIS3L02DQ Datasheet HTML 18Page - STMicroelectronics LIS3L02DQ Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15/19
LIS3L02DQ
6.12 A_STATUS_REG (27h)
6.13 OUTX_L (28h)
6.14 OUTX_H (29h)
When reading the register in “12 bit right justified” mode the most significant bits (7:4) are replaced with bit 3 (i.e. XD15-
XD12=XD11, XD11, XD11, XD11)
.
6.15 OUTY_L (2Ah)
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
ZYXOR
X, Y and Z axis Data Overrun
ZOR
Z axis Data Overrun
YOR
Y axis Data Overrun
XOR
Y axis Data Overrun
ZYXDA
X, Y and Z axis new Data Available
ZDA
Z axis new Data Available
YDA
Y axis new Data Available
XDA
X axis new Data Available
XD7XD6
XD5
XD4
XD3XD2
XD1XD0
XD7, XD0
X axis acceleration data LSb
XD15
XD14
XD13
XD12
XD11
XD10
XD9
XD8
XD15, XD8
X axis acceleration data MSb
YD7YD6
YD5
YD4
YD3YD2
YD1YD0
YD7, YD0
Y axis acceleration data LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com