Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGS4630DPbF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRGS4630DPbF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRGS4630DPbF Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRGS4630DPbF Datasheet HTML 1Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 2Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 3Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 4Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 5Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 6Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 7Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 8Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IRGB/IB/P/S4630D/EPbF
4
2015-11-23
25
50
75
100
125
150
175
TC (°C)
0
10
20
30
40
50
1
10
100
1000
10000
VCE (V)
0.1
1
10
100
1msec
10µsec
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
25
50
75
100
125
150
175
TC (°C)
0
50
100
150
200
250
10
100
1000
VCE (V)
1
10
100
Fig. 2 - Power Dissipation vs.
Case Temperature
0
1
2
3
4
5
6
7
8
VCE (V)
0
10
20
30
40
50
60
70
80
90
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 4 - Reverse Bias SOA
T
J
= 175°C; VGE = 20V
Fig. 3 - Forward SOA
TC = 25°C; TJ ≤ 175°C; VGE = 15V
0
1
2
3
4
5
6
7
8
VCE (V)
0
10
20
30
40
50
60
70
80
90
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 5 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 80µs
Fig. 6 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 80µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com