Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGS4630DPbF Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IRGS4630DPbF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRGS4630DPbF Datasheet(HTML) 1 Page - Infineon Technologies AG

  IRGS4630DPbF Datasheet HTML 1Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 2Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 3Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 4Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 5Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 6Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 7Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 8Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IR IGBT
IRGB4630DPbF
IRGIB4630DPbF
IRGP4630D(-E)PbF
IRGS4630DPbF
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRGB4630DPbF
TO-220AB
Tube
50
IRGB4630DPbF
IRGP4630DPbF
TO-247AC
Tube
25
IRGP4630DPbF
IRGP4630D-EPbF
TO-247AD
Tube
25
IRGP4630D-EPbF
Tube
50
IRGS4630DPbF
IRGS4630DPbF
D2Pak
Tape and Reel Right
800
IRGS4630DTRRPbF
Tape and Reel Left
800
IRGS4630DTRLPbF
IRGIB4630DPbF
TO-220AB Full-Pak
Tube
50
IRGIB4630DPbF
VCES = 600V
IC = 30A, TC =100°C
tSC
≥ 5µs, TJ(max) = 175°C
VCE(ON) typ. = 1.65V @ IC = 18A
Applications
•
Industrial Motor Drive
•
Inverters
•
UPS
•
Welding
Features
Benefits
Low VCE(ON) and switching losses
High efficiency in a wide range of applications and switching
frequencies
Square RBSOA and maximum junction temperature 175°C
Improved reliability due to rugged hard switching
performance and high power capability
Positive VCE (ON) temperature coefficient and tight distribution
of parameters
Excellent current sharing in parallel operation
5µs Short Circuit SOA
Enables short circuit protection scheme
Lead-Free, RoHS Compliant
Environmentally friendly
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
G
C
E
Gate
Collector
Emitter
IRGP4630DPbF
TO-247AC
E
G
n-channel
C
IRGS4630DPbF
D2Pak
IRGIB4630DPbF
TO-220AB Full-Pak
C
E
G
C
C
C
E
G
IRGP4630D-EPbF
TO-247AD
C
E
G
C
IRGB4630DPbF
TO-220AB
C
E
C
G
E
C
G
1
2015-11-23


Similar Part No. - IRGS4630DPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS4630DPBF IRF-IRGS4630DPBF Datasheet
1Mb / 15P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS4630DPBF IRF-IRGS4630DPBF_15 Datasheet
1Mb / 15P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS4630DPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SDPBF IRF-IRG4BC10SDPBF Datasheet
267Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC20KDPBF IRF-IRG4IBC20KDPBF Datasheet
278Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH30KDPBF IRF-IRG4PH30KDPBF Datasheet
468Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB10B60KD1P IRF-IRGIB10B60KD1P Datasheet
452Kb / 13P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
317Kb / 14P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40UDPBF IRF-IRG4PC40UDPBF Datasheet
3Mb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com