Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRGS4630DPbF Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IRGS4630DPbF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRGS4630DPbF Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRGS4630DPbF Datasheet HTML 6Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 7Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 8Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 9Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 10Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 11Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 12Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 13Page - Infineon Technologies AG IRGS4630DPbF Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IRGB/IB/P/S4630D/EPbF
10
2015-11-23
Fig. WF1 - Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2 - Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF4 - Typ. S.C. Waveform
@ TJ = 150°C using Fig. CT.3
Fig. WF3 - Typ. Diode Recovery Waveform
@ TJ = 175°C using Fig. CT.4
-5
0
5
10
15
20
25
30
-100
0
100
200
300
400
500
600
-5.70
-5.20
-4.70
-4.20
Time(µs)
EOFF Loss
5% VCE
5% ICE
90% ICE
tf
-10
0
10
20
30
40
50
60
-100
0
100
200
300
400
500
600
-0.15
0.05
0.25
Time (µs)
EON
TEST
90% test
10% test current
5% VCE
tr
-40
-30
-20
-10
0
10
20
30
-0.05
0.05
0.15
Time (µs)
Peak
IRR
QRR
tRR
10%
Peak
IRR
-50
0
50
100
150
200
250
-100
0
100
200
300
400
500
-5.00
0.00
5.00
10.00
Time (µs)
VCE
ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com