Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP50214BVCZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  HSP50214BVCZ Datasheet HTML 1Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 2Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 3Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 4Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 5Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 6Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 7Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 8Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 5 of 62
May 1, 2007
DATARDY
O
Output Strobe Signal. Active Low. Indicates when new data from the Direct Output Port Section is available.
DATARDY is asserted for one PROCCLK cycle during the first clock cycle that data is available on the parallel out
busses. See Output Section.
OEAH
I
Output enable for the MSByte of the AOUT bus. Active Low. The AOUT MSByte outputs are three-stated when
OEAH is high.
OEAL
I
Output enable for the LSByte of the AOUT bus. Active Low. The AOUT LSByte outputs are three-stated when
OEAL is high.
OEBH
I
Output enable for the MSByte of the BOUT bus. Active Low. The BOUT MSByte outputs are three-stated when
OEBH is high.
OEBL
I
Output enable for the LSByte of the BOUT bus. Active Low. The BOUT LSByte outputs are three-stated when
OEBL is high.
SEL(2:0)
I
Select Address is used to choose which information in a data set from the Buffer RAM Output Port is sent to the
least significant bytes of AOUT and BOUT. SEL2 is the MSB.
INTRRP
O
Interrupt Output. Active Low. This output is asserted for 8 PROCCLK cycles when the Buffer RAM Output Port is
ready for reading.
SEROUTA
O
Serial Output Bus A Data. I, Q, magnitude, phase, frequency, timing error and AGC information can be sequenced
in programmable order. See Output Section and Microprocessor Write Section.
SEROUTB
O
Serial Output Bus B Data. Contents may be related to SEROUTA. I, Q, magnitude, phase, frequency, timing error
and AGC information can be sequenced in programmable order. See Output Section and Microprocessor Write
Section.
SERCLK
O
Output Clock for Serial Data Out. Derived from PROCCLK as given by Control Word 20 in the Microprocessor Write
Section.
SERSYNC
O
Serial Output Sync Signal. Serves as serial data strobes. See Output Section and Microprocessor Write Section.
SEROE
I
Serial Output Enable. When high, the SEROUTA, SEROUTB, SERCLK, and SERSYNC signals are set to a high
impedance.
C(7:0)
I/O
Processor Interface Data Bus. See Microprocessor Write Section. C7 is the MSB.
A(2:0)
I
Processor Interface Address Bus. See Microprocessor Write Section. A2 is the MSB.
WR
I
Processor Interface Write Strobe. C(7:0) is written to Control Words selected by A(2:0) in the Programmable Down
Converter on the rising edge of this signal. See Microprocessor Write Section.
RD
I
Processor Interface Read Strobe. C(7:0) is read from output or status locations selected by A(2:0) in the
Programmable Down Converter on the falling edge of this signal. See Microprocessor Read Section.
REFCLK
I
Reference Clock. Used as an input clock for the timing error detector. The timing error is computed relative to
REFCLK. REFCLK frequency must be less than or equal to PROCCLK/2.
MSYNCO
O
Multiple Chip Sync Output. Provided for synchronizing multiple parts when CLKIN and PROCCLK are
asynchronous. MSYNCO is the synchronization signal between the input section operating under CLKIN and the
back end processing operating under PROCCLK. This output sync signal from one part is connected to the MSYNCI
signal of all the HSP50214Bs.
MSYNCI
I
Multiple Chip Sync Input. The MSYNCI pin of all the parts should be tied to the MSYNCO of one part.
NOTE: MSYNCI must be connected to an MSYNCO signal for operation.
SYNCIN1
I
CIC Decimation/Carrier NCO Update Sync. Can be used to synchronize the CIC Section, carrier NCO update, or
both. See the Multiple Chip Synchronization Section and Control Word 0 in the Microprocessor Write Section. Active
High.
SYNCIN2
I
FIR/Timing NCO Update/AGC Gain Update Sync. Can be used to synchronize the FIR, Timing NCO update, AGC
gain update, or any combination of the above. See the Multiple Chip Synchronization Section and Control Words 7,
8, and 10 in the Microprocessor Write Section. Active High.
SYNCOUT
O
Strobe Output. This synchronization signal is generated by the
P interface for synchronizing multiple parts. Can be
generated by PROCLK or CLKIN (see Control Word 0 and Control Word 24 in the Microprocessor Write Section).
Active High.
Pin Descriptions (Continued)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com