Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP50214BVCZ Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button HSP50214BVCZ Datasheet HTML 53Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 54Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 55Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 56Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 57Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 58Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 59Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 60Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 57 of 62
May 1, 2007
CONTROL WORDS 64-95: DISCRIMINATOR COEFFICIENT REGISTERS (SYNCHRONIZED TO PROCCLK)
BIT
POSITION
FUNCTION
DESCRIPTION
31-10
Discriminator FIR
Coefficient
The discriminator FIR coefficients are 22-bit-two’s complement. If the filter is symmetric, the coefficients
are loaded from the center coefficient at address 64 to the last coefficient. If the filter is asymmetric the
coefficients C0 to CN are loaded with C0 in address 64 up to 64+N, where N is number of asymmetric
coefficients.
CONTROL WORDS 128-255: 255 PROGRAMMABLE COEFFICIENT REGISTERS
BIT
POSITION
FUNCTION
DESCRIPTION
31-10
Programmable FIR
Coefficient
The programmable FIR coefficients are 22-bit-two’s complement. If the filter is symmetric, the
coefficients are loaded from the center coefficient at address 128 to the last coefficient. If the filter is
asymmetric the coefficients C0 to CN are loaded with C0 in address 128 up to 128+N, where N is number
of asymmetric coefficients.
Real Filters are computed as:
Xn-k+1 Ck1 + Xn-k+2 Ck-2 + ... XnC0),
where C0 is the coefficient in address 128 and Xo is the oldest data sample.
Complex filters outputs are computed as follows:
Xn is the most recent data sample.
k is the number of samples = number of (complex) taps.
C0_re is the coefficient loaded into CW128.
C0_im is the coefficient loaded into CW129.
The convolution starts with the oldest data, times the last complex coefficient, and ends with the newest
data, times the first complex coefficient loaded.
Iout
= (-Xn-k+1_q * Ck-1_im + Xn-k+1_i * Ck-1_re).
+ (-Xn-k+2_q * Ck-2_im + Xn-1+2_i * Ck-2_re).
+ ...
+ (-Xn_q
* C0_im + Xn_i
* C0_re).
Qout = (Xn-k+1_i * Ck-1_im + Xn-k+1_q * Ck-1_re).
+ (Xn-k+2_i * Ck-2_im + Xn-1+2_q * Ck-2_re).
+ ...
+ (Xn_i
* C0_im + Xn_q
* C0_re).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com