Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSP50214BVCZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HSP50214BVCZ
Description  Programmable Downconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP50214BVCZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HSP50214BVCZ Datasheet HTML 6Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 7Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 8Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 9Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 10Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 11Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 12Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 13Page - Renesas Technology Corp HSP50214BVCZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
HSP50214B
FN4450 Rev 4.00
Page 10 of 62
May 1, 2007
See Figures 4 to 7 for an interpolated input example,
detailing the associated spectral results.
Interpolation Example:
The specifications for the interpolated input example are:
CLKIN = 40MHz
Input Sample Rate = 5MSPS
PROCCLK = 28MHz
Interpolate by 8, Decimate by 10
Desired 85dB dynamic range output bandwidth = 500kHz
Input Level Detector
The Input Level Detector Section measures the average
magnitude error at the PDC input for the microprocessor by
comparing the input level against a programmable
threshold and then integrating the result. It is intended to
provide a gain error for use in an AGC loop with either the
RF/IF or A/D converter stages (see Figure 8). The AGC
loop includes Input Level Detector, the microprocessor and
an external gain control amplifier (or attenuator). The input
samples are rectified and added to a threshold
programmed via the microprocessor interface, as shown in
Figure 9. The bit weighting of the data path through the
input threshold detector is shown in Figure 10. The
threshold is a signed number, so it should be set to the
inverse of the desired input level. The threshold can be set
to zero if the average input level is desired instead of the
error. The sum of the threshold and the absolute value of
the input is accumulated in a 32-bit accumulator. The
accumulator can handle up to 218 samples without
overflow. The integration time is controlled by an 18-bit
counter. The integration counter preload (ICPrel) is
programmed via the microprocessor interface through
Control Word 1. Only the upper 16-bits are programmable.
The 2 LSBs are always zero. Control Word 1, Bits 29-14
are programmed to:
where N is the desired integration period, defined as the
number of input samples to be integrated. N must be a
multiple of 4: [0, 4, 8, 12, 16 .... , 218].
ICPrel
N
 41
+
=
(EQ. 1)
FIGURE 3. BLOCK DIAGRAM OF THE INPUT SECTION
Without Interpolation, the CIC bypass path exceeds the HB/FIR filter
input sample rate and the CIC filter path will not yield the desired
85dB dynamic range band width of 500kHz.
FIGURE 4. STATEMENT OF THE PROBLEM
FIGURE 5. BLOCK DIAGRAM OF THE INTERPOLATION
APPROACH
IN(13:0)
INPUT_FMT
†
ENI
LEVEL
DETECT
INPUT_MODE
†
NCO
††
DELAY 3
DELAY 3
GAINADJ(2:0)
CONTROL WORD 0
CONTROL
LOGIC
CONTROL WORD 1
CLKIN
† Controlled via microprocessor interface.
†† See NCO Section for more details.
INPUT_THRESH
†
INTG_INTEVAL
†
INTG_MODE
†
INPUT_THRESH
†
INTG_MODE
†
INTG_INTEVAL
†
INTERP
†
INPUT
FORMAT
†
BYPASS
†
INPUT LEVEL DETECTOR
†
STATUS (0)
†
LIMIT
4
3
EN
4
14
14
18
18
15
15
CIC
HB/FIR FILTER
5MHz
500kHz = 85dB
BANDWIDTH
MAX. fS = 4MHz
MIN. R = 4
BYPASS
PROCCLK = 28MHz
(EXCEEDED IN
(NOT ACHIEVED
WITH CIC FILTER
BYPASS PATH)
FILTER
PATH)
CLKIN = 5MHz
CIC FILTER
8 (0 STUFF) = 40MHz
500kHz = 85dB
BANDWIDTH
R =
10
4MHz
HB/FIR FILTER
5MHz
CLKIN = 40MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com