| Electronic Components Datasheet Search |
|
CS5484 Datasheet(PDF) 61 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 Datasheet(HTML) 61 Page - Cirrus Logic |
|
61 / 67 page ![]() CS5484 DS981F3 61 6.6.72 Temperature Offset (TOFF) – Page 16, Address 55 Default = 0x D5 3998 Register TOFF is used to offset the Temperature register (T), and is a two's complement value in the range of -128.0 value128.0 (°C), with the binary point to the right of bit 16. Register T can be rescaled by the application using the TGAIN and TOFF registers. Refer to section 7.3 Tem- perature Sensor Calibration on page 65 for more information. 6.6.73 Calibration Scale (Scale) – Page18, Address 63 Default = 0 x4C CCCC (0.6) The Scale register is used in the gain calibration to set the level of calibrated results of I-channel RMS. During gain calibration, the IxRMS results register is divided into the Scale register. The quotient is put into the IxGAIN register. This is a two's complement value in the range of -1.0 value 1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.74 V-Channel Zero-crossing Threshold (VZXLEVEL) – Page 18, Address 58 Default = 0x10 0000 (0.125) VZXLEVEL is the level that the peak instantaneous voltage must exceed for the zero-crossing detection to function. This is a two's complement value in the range of -1.0 value<1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.75 I-Channel Zero-crossing Threshold (IZXLEVEL) – Page 18, Address 24 Default = 0x10 0000 (0.125) IZXLEVEL is the level that the peak instantaneous current must exceed for the zero-crossing detection to func- tion. This is a two's complement value in the range of -1.0 value<1.0, with the binary point to the right of the MSB. Negative values are not used. 6.6.76 Zero-crossing Number (ZXNUM) – Page 0, Address 55 Default = 0x00 0064 (100) ZXNUM is the number of zero crossings used for line frequency measurement. It is an integer in the range of 1 to 8,388,607. Zero should not be used. MSB LSB -(27)26 25 24 23 22 21 20 ..... 2-10 2-11 2-12 2-13 2-14 2-15 2-16 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 223 222 221 220 219 218 217 216 ..... 26 25 24 23 22 21 20 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |