Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5484 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5484
Description  Four Channel Energy Measurement IC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5484 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5484 Datasheet HTML 22Page - Cirrus Logic CS5484 Datasheet HTML 23Page - Cirrus Logic CS5484 Datasheet HTML 24Page - Cirrus Logic CS5484 Datasheet HTML 25Page - Cirrus Logic CS5484 Datasheet HTML 26Page - Cirrus Logic CS5484 Datasheet HTML 27Page - Cirrus Logic CS5484 Datasheet HTML 28Page - Cirrus Logic CS5484 Datasheet HTML 29Page - Cirrus Logic CS5484 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
CS5484
26
DS981F3
The temperature sensor and V2 input share the same
delta-sigma modulator on the second voltage channel.
By default, the temperature measurement is disabled,
and the delta-sigma modulator is used for V2
measurement. To enable temperature measurement,
set Config0 register bit 23, bit 22, and bit 13.
The Temperature register (T) updates every 2240
output word rate (OWR) samples. The Status0 register
bit TUP indicates when T is updated. The temperature
measurement and the second voltage channel, V2,
share the same delta-sigma modulator, so the V2
measurement will be using the V1 delta-sigma
modulator output when temperature measurement is
enabled.
5.9 Anti-creep
The anti-creep (no-load threshold) is used to determine
if a no-load condition is detected. The |PSum| and |QSum|
are compared to the value in the No-Load Threshold
register (LoadMIN). If both |PSUM| and |QSUM| are less
than this threshold, then PSUM and QSUM are forced to
zero. If SSUM is less than the value in LoadMIN register,
then SSUM is forced to zero.
5.10 Register Protection
To prevent the critical configuration and calibration
registers from unintended changes, the CS5484
provides
two
enhanced
register
protection
mechanisms: write protection and automatic checksum
calculation.
5.10.1 Write Protection
Setting the DSP_LCK[4:0] bits in the RegLock register
to 0x16 enables the CS5484 DSP lockable registers to
be write-protected from the calculation engine. Setting
the
DSP_LCK[4:0]
bits
to
0x09
disables
the
write-protection mode.
Setting the HOST_LCK[4:0] bits in the RegLock register
to 0x16 enables the CS5484 HOST lockable registers to
be write-protected from the serial interface. Setting the
HOST_LCK[4:0]
bits
to
0x09
disables
the
write-protection mode.
For registers that are DSP lockable, HOST lockable, or
both, refer to sections 6.2 Hardware Registers
Summary (Page 0) on page 29, 6.3 Software Registers
Summary (Page 16) on page 31, and 6.4 Software
Registers Summary (Page 17) on page 33.
5.10.2 Register Checksum
All the configuration and calibration registers are
protected by checksum, if enabled. Refer to 6.2
Hardware Registers Summary (Page 0) on page 29, 6.3
Software Registers Summary (Page 16) on page 31,
and 6.4 Software Registers Summary (Page 17) on
page 33. The checksum for all registers marked with an
asterisk symbol
(*) is calculated once every low-rate
cycle. The checksum result is stored in the RegChk
register. After the CS5484 has been fully configured and
loaded with the calibrations, the host microcontroller
should keep a copy of the checksum (RegChk_Copy) in
its
memory.
In
normal
operation,
the
host
microcontroller can read the RegChk register and
compare it with the saved copy of the RegChk register.
If the two values mismatch, a reload of configurations
and calibrations into the CS5484 is necessary.
The automatic checksum computation can be disabled
by setting the REG_CSUM_OFF bit in the Config2
register.
-2
0
2
Phase A Channel
-2
0
2
Phase B Channel
-2
0
2
Phase C Channel
Stop
Stop
Stop
Phase C Count
Phase B Count
Phase A Count
A
B
C
Write 0x16 to
PSDC Register
Start on the Falling
Edge on the RX Pin
Figure 17. Phase Sequence C, B, A for Rising Edge Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com