Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL51002EVALZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL51002EVALZ
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL51002EVALZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL51002EVALZ Datasheet HTML 25Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 26Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 27Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 28Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 29Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 30Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 31Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 32Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
ISL51002
FN6164 Rev 3.00
Page 33 of 33
February 29, 2012
Metric Plastic Quad Flatpack Packages (MQFP)
Y
ALL AROUND
DROP IN HEAT SPREADER
4 STAND POINTS EXPOSED
PIN 1 ID
D1
D
E
E1
12.500 REF
C0.600x0.350
(4X)
13.870 ±0.100
14.000 ±0.100
A
A
12° ALL
AROUND
(D1)
1
1 SECTION A-A
T
b
b1
T1
A2
A
A1
R0.13 MIN
R0.25 TYP
C
ddd
C
M
L1
0° MIN
0.200 MIN
T
GAUGE
PLANE
DETAIL Y
0.13~0.30
128
1
L
b
e
SEATING
PLANE
0.25 BASE
MDP0055
14x20mm 128 LEAD MQFP (WITH AND WITHOUT HEAT
SPREADER) 3.2mm FOOTPRINT
SYMBOL
DIMENSIONS
(MILLIMETERS)
REMARKS
A
Max 3.40
Overall height
A1
0.250~0.500
Standoff
A2
2.750 ±0.250
Package thickness
0°~7°
Foot angle
b
0.220 ±0.050
Lead width
b1
0.200 ±0.030
Lead base metal width
D
17.200 ±0.250
Lead tip to tip
D1
14.000 ±0.100
Package length
E
23.200 ±0.250
Lead tip to tip
E1
20.000 ±0.100
Package width
e
0.500 Base
Lead pitch
L
0.880 ±0.150
Foot length
L1
1.600 Ref.
Lead length
T
0.170 ±0.060
Frame thickness
T1
0.152 ±0.040
Frame base metal thickness
ccc
0.100
Foot coplanarity
ddd
0.100
Foot position
Rev. 2 2/07
NOTES:
1. General tolerance: Distance ±0.100, Angle +2.5°.
2.
Matte finish on package body surface except ejection and
pin 1 marking (Ra 0.8~2.0um).
3. All molded body sharp corner RADII unless otherwise specified
(Max RO.200).
4. Package/Leadframe misalignment (X, Y): Max. 0.127
5. Top/Bottom misalignment (X, Y): Max. 0.127
6. Drawing does not include plastic or metal protrusion or cutting
burr.
7.
Compliant to JEDEC MS-022.
1
1
1
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com