Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL51002EVALZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL51002EVALZ
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL51002EVALZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL51002EVALZ Datasheet HTML 20Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 21Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 22Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 23Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 24Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 25Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 26Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 27Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ISL51002
FN6164 Rev 3.00
Page 24 of 33
February 29, 2012
(or 0x200 for the R (Pr) and B (Pb) channels in YPbPr mode)
during the back porch period when ABLC™ is enabled.
Functional Description
Inputs
The ISL51002 digitizes analog video inputs in both RGB and
Component (YPbPr) formats, with or without embedded sync
(SOG).
RGB Inputs
For RGB inputs, the black/blank levels are identical and equal to
0V. The range for each color is typically 0V to 0.7V from black to
white. HSYNC and VSYNC are separate signals.
Component YPbPr Inputs
In addition to RGB and RGB with SOG, the ISL51002 has an
option that is compatible with the component YPbPr video
inputs typically generated by DVD players. While the ISL51002
digitizes signals in these color spaces, it can only perform color
space conversion from RGB to YUV; if it digitizes an RGB
signal, it outputs digital RGB or YUV, while if it digitizes a
YPbPr signal, it outputs digital YCbCr, also called YUV.
The Luminance (Y) signal is applied to the Green Channel and
is processed in a manner identical to the Green input with SOG
described previously. The color difference signals Pb and Pr
are bipolar and swing both above and below the black level.
When the YPbPr mode is enabled, the black level output for
the color difference channels shifts to a mid scale value of
0x200. Setting configuration register 0x10[4] = 1 enables the
YPbPr signal processing mode of operation.
The ISL51002 can optionally decimate the incoming data to
provide a 4:2:2 output stream (configuration register
0x28[0] = 1) as shown in Table 2.
RGB to YUV Color Space Converter (CSC)
For RGB inputs, the internal Color Space Converter, when
enabled (register 0x28-bit [6] = 1), will convert from the RGB
color space to the YUV (YCbCr) color space using the following
conversion formulas:
Y = 0.299R + 0.587G + 0.114B
U = -0.172R - 0.339G + 0.511B + 512
V = 0.511R - 0.428G - 0.083B + 512
Input Coupling
Inputs can be either AC-coupled (default) or DC-coupled (See
register 0x10[3]). AC coupling is usually preferred since it
allows video signals with substantial DC offsets to be
accurately digitized. The ISL51002 provides a complete
internal DC-restore function, including the DC restore clamp
(See Figure 1) and programmable clamp timing (registers
0x24, 0x25, and 0x26).
When AC-coupled, the DC restore clamp is applied every line,
a programmable number of pixels after the trailing edge of
HSYNC. If register 0x60[2] = 0 (the default), the clamp will not
be applied while the DPLL is coasting, preventing any clamp
voltage errors from composite sync edges, equalization pulses,
or Macrovision signals.
After the trailing edge of HSYNC, the DC restore clamp is
turned on after the number of pixels specified in the DC
Restore and ABLC™ Starting Pixel registers (0x24 and 0x25)
has been reached. The clamp is applied for the number of
pixels specified by the DC Restore Clamp Width Register
(0x26). The clamp can be applied to the back porch of the
video, or to the front porch (by increasing the DC Restore and
ABLC™ Starting Pixel registers so all the active video pixels
are skipped).
Note: The TriLevel detect for Sync on Green (SOG) utilizes the
digitized data from the selected Green video channel. If
TriLevel Sync is present, the default DC Clamp start position
will clamp at the top of the TriLevel Sync pulse giving a false
negative for TriLevel detect and clamping off the bottom half of
the green video. If you have an indication of active SOG you
must move the clamp start to a value greater than 0x30 to
check to see if the Tri-level Sync is present.
If DC-coupled operation is desired, the input to the ADC will be
the difference between the input signal (RIN1, for example) and
that channel’s ground reference (RGBGND1 in that example).
TABLE 1. YUV MAPPING (4:4:4)
INPUT
SIGNAL
ISL51002
INPUT
CHANNEL
ISL51002
OUTPUT
ASSIGNMENT
OUTPUT
SIGNAL
Y
Green
Green
Y0Y1Y2Y3
Pb
Blue
Blue
U0U1U2U3
Pr
Red
Red
V0V1V2V3
TABLE 2. YUV MAPPING (4:2:2)
INPUT
SIGNAL
ISL51002
INPUT
CHANNEL
ISL51002
OUTPUT
ASSIGNMENT
OUTPUT
SIGNAL
Y
Green
Green
Y0Y1Y2Y3
Pb
Blue
Blue
Driven Low
Pr
Red
Red
U0V0U2V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com