Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL51002EVALZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL51002EVALZ
Description  10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL51002EVALZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL51002EVALZ Datasheet HTML 1Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 2Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 3Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 4Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 5Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 6Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 7Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 8Page - Renesas Technology Corp ISL51002EVALZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ISL51002
FN6164 Rev 3.00
Page 4 of 33
February 29, 2012
Absolute Maximum Ratings
Thermal Information
3.3V Supply Voltage (VA3.3, VD3.3, VPLLA3.3) . . . . . . . . . . . . . 4.6V
1.8V Supply Voltage (VA1.8, VD1.8, VADCD1.8). . . . . . . . . . . . . 2.5V
Voltage on any Input Pin . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .3000V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .300V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage Range . . . . . . . . . . . . . . . . . 3.3V ±10%, 1.8V ±10%
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
MQFP Package (Notes 3, 4) . . . . . . . .
30
16
Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Specifications apply for VA3.3 = VD3.3 = VPLLA3.3 = 3.3V, VA1.8 = VD1.8 = VPLLD1.8 = VADCD1.8 = 1.8V,
pixel rate = 110MHz for ISL51002-110, 150MHz for ISL51002-150, 165MHz for ISL51002-165, fXTAL = 25MHz,
and TA = +0°C to +70°C, unless otherwise specified. Boldface limits apply over the operating temperature
range, 0°C to +70°C.
SYMBOL
PARAMETER
TEST LEVEL or NOTES
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
FULL CHANNEL CHARACTERISTICS
Conversion Rate
ISL51002-110
10
110
MHz
ISL51002-150
10
150
MHz
ISL51002-165
10
165
MHz
ADC Resolution
10
Bits
Missing Codes
Guaranteed monotonic
None
DNL
(Full-Channel)
Differential Non-Linearity
(Note 5)
ISL51002-110
-0.99
±0.5
+1.2
LSB
ISL51002-150
-0.99
±0.7
+1.3
LSB
ISL51002-165
-0.99
±0.8
+1.4
LSB
INL
(Full-Channel)
Integral Non-Linearity
(Note 5)
ISL51002-110
±1.9
±3.6
LSB
ISL51002-150
±2.0
±3.8
LSB
ISL51002-165
±2.6
±4.0
LSB
Gain Adjustment Range
±6
dB
Gain Adjustment Resolution
10
Bits
Gain Matching Between Channels Percent of full scale
±2
%
Full Channel Offset Error,
ABLC™ enabled
ADC LSBs, over time and temperature
±0.5
±3.0
LSB
Offset Adjustment Range
(ABLC™ enabled or disabled)
(see ABLC™ applications information section)
±50%
ADC
Fullscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com