Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC104X-DS00-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Preliminary Data Sheet
AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 1: Functional Description
Page 7
Register 4 contains the current capabilities, speed and duplex, of the PHY, determined through hardware selects or chip
defaults. The contents of Reg. 4 is sent to its link partner during the ANeg process using Fast Link Pulses (FLPs). An FLP
is a string of 1s and 0s, each of which has a particular meaning, the total of which is called a Link Code Word. After reset,
software can change any of these bits from 1 to 0 and back to 1, but not from 0 to 1. Therefore, the hardware has priority
over software.
When ANeg is enabled, the PHY sends out FLPs during the following conditions:
Power on
Link loss
Restart ANeg command by software
During this period, the PHY continually sends out FLPs while monitoring the incoming FLPs from the link partner to
determine their optimal mode of operation. If FLPs are not detected during this phase of operation, Parallel Detection mode
is entered (see below).
When the PHY receives 3 identical link code words (ignoring acknowledge bit) from its link partner, it stores these code words
in Reg. 5, sets the acknowledge bit it the generated FLPs, and waits to receive 3 identical code word with the acknowledge
bit set from the link partner. Once this occurs the PHY configures itself to the highest technology that is common to both
ends. The technology priorities are:
1
100BASE-TX, full-duplex
2
100BASE-TX, half-duplex
3
10BASE-T, full-duplex
4
10BASE-T half-duplex.
Once the ANeg is complete, Reg. 1.5 is set, Reg. 1.[14:11] reflects negotiated speed and duplex mode, and the PHY enters
the negotiated transmission and reception state. This state will not change until link is lost or the PHY is reset through either
hardware or software, or the restart negotiation bit (Reg. 0.9) is set.
PARALLEL DETECTION
Because there are many devices in the field that do not support the ANeg process, but must still be communicated with, it
is necessary to detect and link through the Parallel Detection process.
The parallel detection circuit is enabled in the absence of FLPs. The circuit is able to detect:
Normal Link Pulse (NLP)
10BASE-T receive data
100BASE-TX idle
The mode of operation gets configured based on the technology of the incoming signal. If any of the above is detected, the
device automatically configures to match the detected operating speed in the half-duplex mode. This ability allows the device
to communicate with the legacy 10BASE-T and 100BASE-TX systems, while maintaining the flexibility of Auto-Negotiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com