Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC104X-DS00-R Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 8
Section 1: Functional Description
Document
AC104X-DS00-405-R
AUTOMATIC MDI/MDIX CONFIGURATION
The AC104X supports the MDI/MDIX automatic configuration function. The automatic MDI/MDIX is intended to eliminate the
need for crossover cables between similar devices. The assignment of pin-outs for the Auto-MDI/MDIX is shown below:
DIAGNOSTICS
LOOPBACK OPERATION
Local Loopback is provided for testing purposes. It can be enabled by writing to Reg. 0.14.
The Local Loopback routes transmitted data through the transmit path back to the receiving path's clock and data recovery
module. The loopback data are presented to the PCS in 5 bits symbol format. This loopback is used to check the operation
of the 5-bit symbol decoder and the phase locked loop circuitry. In Local Loopback, the SD output is forced to logic one and
TXOP/N outputs are tri-stated.
CABLE LENGTH INDICATOR
In 100BASE-T mode, the PHY can detect the approximate length of the cable it's attached and display the result in Reg.
20.[7:4]. A reading of [0000] translates to < 10m cable used, [0001] translates to ~ 10 meter of cable, and [1111] translates
to 150 meter cable. The cable length value can be used by the network manage to determine the proper connectivity of the
cable and to manage the cable plant distribution
RESET AND POWER
The PHY can be reset in three ways:
During initial power on.
Hardware Reset: A logic low signal of 150
µs pulse width is applied to RST* pin.
Software Reset: Write a one to SMI Reg. 0.15.
The power consumption of the device is significantly reduced due to its built-in power management features. Separate power
supply lines are used to power the 10BASE-T circuitry and the 100BASE-TX circuitry. Therefore, the two circuits can be
turned on and turned off independently. When the PHY is set to operate in 100BASE-TX mode, the 10BASE-T circuitry is
powered down, and vice versa.
The following power management features are supported:
Power down mode: This can be achieved by writing to Register 0.11 or pulling PWRDN pin high. During power down
mode, the device is still be able to interface through the MDC/MDIO management interface.
Table 1:
Auto-MDI/MDIX Pinout Assignments
Contact
PHY
MDI
MDIX
1
TXOP
TXOP
RXIP
2
TXON
TXON
RXIN
3
RXIP
RXIP
TXOP
4N/C
N/C
N/C
5N/C
N/C
N/C
6
RXIN
RXIN
TXON
7N/C
N/C
N/C
8N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com