Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM8511 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # ADM8511
Description  USB/Fast Ethernet/HomePNA Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM8511 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button ADM8511 Datasheet HTML 37Page - Infineon Technologies AG ADM8511 Datasheet HTML 38Page - Infineon Technologies AG ADM8511 Datasheet HTML 39Page - Infineon Technologies AG ADM8511 Datasheet HTML 40Page - Infineon Technologies AG ADM8511 Datasheet HTML 41Page - Infineon Technologies AG ADM8511 Datasheet HTML 42Page - Infineon Technologies AG ADM8511 Datasheet HTML 43Page - Infineon Technologies AG ADM8511 Datasheet HTML 44Page - Infineon Technologies AG ADM8511 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
ADM8511/X
Registers DescriptionSystem Registers
Data Sheet
41
Rev. 2.03, 2005-11-30
RX FIFO Control
BIST Control
EP1C
Offset
Reset Value
EP1 Control
1CH
00H
Field
Bits
Type
Description
EPSE
7
rw
EP1 Send0 Enable
0B
, Disables EP1 send 1-byte 00 function
1B
, Enables EP1 send 1-byte 00 when more than frame_interval’s
NAK is received
TIA
6:5
rw
Test Interval A
This value is used for internal test mode.
TIB
4:0
rw
Test Interval B
This value is used for internal test mode.
RXFC
Offset
Reset Value
RX FIFO Control
1DH
00H
Field
Bits
Type
Description
Res
7:2
ro
Reserved
ESE
1
rw
External SRAM Enable
0B
, Supports internal 24 Kbyte SRAM
1B
, Supports external 32 Kbyte SRAM
R32P
0
Receive 32 Packets
0B
, Supports maximum 16 packets in receive FIFO
1B
, Supports maximum 32 packets in receive FIFO
BISTC
Offset
Reset Value
BIST Control
1EH
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com