Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM8511 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ADM8511
Description  USB/Fast Ethernet/HomePNA Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM8511 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ADM8511 Datasheet HTML 17Page - Infineon Technologies AG ADM8511 Datasheet HTML 18Page - Infineon Technologies AG ADM8511 Datasheet HTML 19Page - Infineon Technologies AG ADM8511 Datasheet HTML 20Page - Infineon Technologies AG ADM8511 Datasheet HTML 21Page - Infineon Technologies AG ADM8511 Datasheet HTML 22Page - Infineon Technologies AG ADM8511 Datasheet HTML 23Page - Infineon Technologies AG ADM8511 Datasheet HTML 24Page - Infineon Technologies AG ADM8511 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
Data Sheet
21
Rev. 2.03, 2005-11-30
ADM8511/X
Function Description
3
Function Description
3.1
USB Interface
USB is a likely solution when you want to use a computer to communicate with devices outside the computer. The
interface is suitable for one-of-kind and small-scale designs as well as mass-produced and standard peripheral.
The benefits to USB are easy to use, fast and reliable data transfers, flexibility, low cost and power conservation.
3.1.1
SIE
SIE (Serial Interface Engine) is used to control USB communications and check USB protocol, and then transfer
protocol to EP decoder. The SIE and USB transceivers, which provide the hardware interface to the USB cable,
together comprise the USB engine
3.1.2
USB Command & EP Decoder
The detail description is in Appendix 4.
3.2
MAC Interface
3.2.1
MII
The Media Independent Interface (MII) is an 18 wire MAC/Phy interface described in 802.3 u. The purpose of the
interface is to allow MAC layer devices to attach to a variety of Physical Layer devices through a common
interface. MII operates at either 100 Mbit/s or 10 Mbit/s, dependant on the speed of the Physical Layer. With clocks
running at either 25 MHz or 2.5 MHz, 4 bit data is clocked between the MAC and Phy, synchronous with Enable
and Error signals.
On receipt of valid data from the wire interface, RX_DV will go active signaling to the MAC that the valid data will
be presented on the RXD[3:0] pins at the speed of the RX_CLK.
On transmission of data from the MAC, TX_EN is presented to the phy indicating the presence of valid data on
TXD[3:0]. TXD[3:0] are sampled by the phy synchronous to TX_CLK during the time that TX_EN is valid.
3.2.2
Adaptive Equalizer
The amplitude and phase distortions from cable cause inter-symbol interference (ISI) which makes clock and data
recovery difficult. The adaptive equalizer is designed to closely match the inverse transfer function of the twisted-
pairs cable. The equalizer has the ability to change its equalizer frequency response according to the cable length.
The equalizer will tune itself automatically to any cable, compensating for the amplitude and phase distortion
introduced by the cable.
3.2.3
LEDs
Individual LED output is available to indicate Speed, Duplex, Collision, Transmit, and Link. These multi-function
pins are inputs during reset and LED output pins thereafter. The level of these pins during reset determines their
active output states. If a multi-function pin is pulled up during reset to select a particular function, the LED output
would become active low, and the LED circuit must be designed accordingly, and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com