Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM8511 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # ADM8511
Description  USB/Fast Ethernet/HomePNA Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM8511 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button ADM8511 Datasheet HTML 45Page - Infineon Technologies AG ADM8511 Datasheet HTML 46Page - Infineon Technologies AG ADM8511 Datasheet HTML 47Page - Infineon Technologies AG ADM8511 Datasheet HTML 48Page - Infineon Technologies AG ADM8511 Datasheet HTML 49Page - Infineon Technologies AG ADM8511 Datasheet HTML 50Page - Infineon Technologies AG ADM8511 Datasheet HTML 51Page - Infineon Technologies AG ADM8511 Datasheet HTML 52Page - Infineon Technologies AG ADM8511 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
ADM8511/X
Registers DescriptionSystem Registers
Data Sheet
49
Rev. 2.03, 2005-11-30
Transmit Status 2
LC
3
r
Loss Carrier
Set by HW to indicate carrier loss. Clear this register by SW Read or after
EP3 is accessed.
JTO
2
r
Jabber Time Out
Set by HW to indicate jabber time out. Clear this register by SW Read or
after EP3 is accessed.
Res
1:0
ro
Reserved
TS2
Offset
Reset Value
Transmit Status 2
2CH
00H
Field
Bits
Type
Description
TXFF
7
r
TX Fifo Full
Set by HW to indicate tx fifo full. Clear this register by SW Read or after
EP3 is accessed.
TXFE
6
TX Fifo Empty
Set by HW to indicate tx fifo empty. Clear this register by SW Read or
after EP3 is accessed.
Res
5:4
ro
Reserved
TXPC
3:0
r
TX Packet Count
Set by HW to indicate Ethernet transmit packet count every interrupt EP
polling. If more than 15 packets have been transmitted, this value will
keep as 15. Clear this register by SW Read or after EP3 is accessed.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com