Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM8511 Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # ADM8511
Description  USB/Fast Ethernet/HomePNA Controller
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM8511 Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button ADM8511 Datasheet HTML 95Page - Infineon Technologies AG ADM8511 Datasheet HTML 96Page - Infineon Technologies AG ADM8511 Datasheet HTML 97Page - Infineon Technologies AG ADM8511 Datasheet HTML 98Page - Infineon Technologies AG ADM8511 Datasheet HTML 99Page - Infineon Technologies AG ADM8511 Datasheet HTML 100Page - Infineon Technologies AG ADM8511 Datasheet HTML 101Page - Infineon Technologies AG ADM8511 Datasheet HTML 102Page - Infineon Technologies AG ADM8511 Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 109 page
background image
ADM8511/X
APPENDIX 3 - USB Device OperationEndpoint 0
Data Sheet
99
Rev. 2.03, 2005-11-30
9
APPENDIX 3 - USB Device Operation
9.1
Endpoint 0
Endpoint 0 is in charge of response to standard USB commands and vendor specific commands. Internal registers
setting are also via this endpoint. The response to each command is described in section 7.
9.2
Endpoint 1 bulk IN
Endpoint 1 is in charge of sending the received Ethernet packet to USB host. An Ethernet packet will be split to
multiple 64-byte USB packets on USB. The end of the Ethernet packet is indicated by less then 64-byte or 0 length
data transfer in this pipe. The Ethernet received status is optionally reported at the end of the packet.
While accessing to this endpoint if RX FIFO is either full or any packet is inside, the data in RX FIFO is returned
in USB data stage. If ACK is received from USB host, data in RX FIFO is flushed. If no response or NAK is received
from USB host, the content in RX FIFO will be re-transmitted. If RX FIFO isn't ready for transmission, NAK is
returned to USB host.
Figure 16
Transmission of RX FIFO
The received status is reported as follows:
Table 41
Received status
Offset
Bit Field
Description
Offset0 7-0 rx_bytecnt_lo
The received byte count[7:0].
Offset1 3-0 rx_bytecnt_hi
The received byte count[11:8].
7-4 reserved
Offset2 0
Multicast_frame Indicate receive a multicast frame.
1
Long_pkt
Indicate received packet length > 1518 bytes
2
Runt_pkt
Indicate received packet length < 64 bytes.
3
crc_err
Indicate CRC check error.
4
Dribble_bit
Indicate packet length is not integer multiple of 8-bit.
7-5 reserved
Offset3 7-0 reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com