Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9113AIRAZ-T Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL9113AIRAZ-T
Description  Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9113AIRAZ-T Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL9113AIRAZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISL9113A
FN8620 Rev 1.00
Page 7 of 10
January 4, 2017
Typical Characteristics
FIGURE 5. MAXIMUM OUTPUT CURRENT vs INPUT VOLTAGE
FIGURE 6. LINE REGULATION, VOUT = 5V
FIGURE 7. PULSE SKIP MODE WAVEFORM
FIGURE 8. PWM WAVEFORM
FIGURE 9. START-UP AFTER ENABLE (ILOAD = 250mA)
FIGURE 10. START-UP AFTER ENABLE (ILOAD = 50mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.8
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
VBAT (V)
VOUT = 4.0V
VOUT = 5.0V
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
0
1
2
3
4
5
VBAT (V)
ILOAD = 1mA (PFM)
ILOAD = 100mA (PWM)
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 20mA
SW (2V/DIV)
L = 2.2µH, COUT = 4.7μF
INDUCTOR CURRENT (500mA/DIV)
VOUT WITH 5.0V OFFSET (200mV/DIV)
TIME 10µs/DIV
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 250mA
VOUT WITH 5.0V OFFSET (50mV/DIV)
INDUCTOR CURRENT (500mA/DIV)
SW (2V/DIV)
TIME 1µs/DIV
L = 2.2µH, COUT = 4.7μF
EN
VOUT (2V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SW (5V/DIV)
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 250mA
TIME 40ms/DIV
EN (5V/DIV)
VOUT (2V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SW (5V/DIV)
VBAT = 3.0V, VOUT = 5.0V, ILOAD = 50mA
TIME 40ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com