Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9113AIRAZ-T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL9113AIRAZ-T
Description  Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9113AIRAZ-T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL9113AIRAZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ISL9113A
FN8620 Rev 1.00
Page 10 of 10
January 4, 2017
Package Outline Drawing
L8.2x2D
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE (DFN) WITH EXPOSED PAD
Rev 1, 3/15
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
PIN #1
B
0.10M
A
C
C
SEATING PLANE
BASE PLANE
0.08
0.10
SEE DETAIL "X"
C
C
0 . 00 MIN.
0 . 05 MAX.
0 . 2 REF
C
INDEX AREA
PIN 1
6
(4X)
0.15
A
B
1
PACKAGE
2.00
1.55±0.10
0.90±0.10
0.22
( 6x0.50 )
( 8x0.22 )
2.00
2.00
( 8x0.30 )
( 8x0.20 )
( 8x0.30 )
0.50
8
0.90
1.55
6x
0.90±0.10
INDEX AREA
OUTLINE
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance: Decimal ± 0.05
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
6
4
Tiebar shown (if present) is a non-functional feature and may
be located on any of the 4 sides (or ends).
For the most recent package outline drawing, see L8.2x2D.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com