Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9113AIRAZ-T Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9113AIRAZ-T
Description  Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9113AIRAZ-T Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9113AIRAZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9113AIRAZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN8620 Rev 1.00
Page 1 of 10
January 4, 2017
FN8620
Rev 1.00
January 4, 2017
ISL9113A
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A
Switch
DATASHEET
The ISL9113A provides a power supply solution for devices
powered by three-cell alkaline, NiCd, NiMH, or one-cell
Li-Ion/Li-Polymer batteries. It offers either a fixed 5V or an
adjustable output option for USB-OTG or portable HDMI
applications. The device is guaranteed to supply 500mA from
a 3V input and 5V output, and has a typical 1.3A peak current
limit. High 1.8MHz switching frequency allows for the use of
tiny, low-profile inductors, and ceramic capacitors to minimize
the size of the overall solution.
The ISL9113A is an internally compensated, fully integrated
synchronous converter optimized for efficiency with minimal
external components. At light load, the device enters Skip
mode and consumes only 20µA of quiescent current, resulting
in higher efficiency at light loads and maximum battery life.
The device is available in an 8 Ld DFN package.
Related Literature
• For a full list of related documents, visit our website
- ISL9113A product page
Features
• Up to 95% efficiency at typical operating conditions
• Input voltage range: 0.8V to 4.7V
• Output current: Up to 500mA (VBAT = 3.0V, VOUT = 5.0V)
•Low quiescent current: 20μA (typical)
•Logic control shutdown (IQ < 1µA)
• 1.2V EN high logic
• Output disconnect during shutdown
• Skip mode under light-load condition
• Undervoltage lockout
• Fault protection: OVP, OTP, short-circuit
•8 Ld 2mmx2mm DFN Package
Applications
• Products including portable HDMI and USB-OTG
•Smartphones
• Tablet and mobile internet devices
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY
SW
EN
GND
FB
VOUT
VBAT
VOUT =
5.0V/500mA
2.2µH
4.7µF
4.7µF
R1
R2
VBAT =
0.8 TO 4.7V
523k
100k
1
2
4
8
7
5
50
55
60
65
70
75
80
85
90
95
100
0.0001
0.001
0.01
0.1
1
LOAD CURRENT (A)
VBAT = 3.6V
VBAT = 3.0V
VBAT = 4.2V
VBAT = 1.2V
VBAT = 2.3V
VOUT = 5.0V


Similar Part No. - ISL9113AIRAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9113AIRAZ-T INTERSIL-ISL9113AIRAZ-T Datasheet
528Kb / 10P
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
More results

Similar Description - ISL9113AIRAZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
December 7, 2011
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
Low-power, high-efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com