Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802ALAFT Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # ZL8802ALAFT
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802ALAFT Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button ZL8802ALAFT Datasheet HTML 36Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 37Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 38Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 39Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 40Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 41Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 42Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 43Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 40 of 91
Nov 8, 2017
OT_FAULT_LIMIT (4Fh)
Definition: Sets the temperature at which the device should indicate an over-temperature fault.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Linear-11
Type: R/W
Protectable: Yes
Default Value: EBE8h (+125°C)
Units: Celsius
Equation: OT_FAULT_LIMIT = Y×2N
Range: 0 to 175°C
OT_FAULT_RESPONSE (50h)
Definition: Instructs the device on what action to take in response to an over-temperature fault. The retry time is the time between
restart attempts.
Paged or Global: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Protectable: Yes
Default Value: BFh (Continuous retries, retry delay 280ms)
Units: Retry time unit = 35ms
COMMAND
OT_FAULT_LIMIT (4Fh)
Format
Linear-11
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
1
11
01
011
11
10
100
0
COMMAND
OT_FAULT_RESPONSE (50h)
Format
Bit Field
Bit Position
76
5
4321
0
Access
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Function
See Following Table
Default Value
1
0
1
1111
1
BIT
FIELD NAME
VALUE
DESCRIPTION
7:6
Response behavior, the device:
•Pulls SALRT low
• Sets the related fault bit in the
status registers. Fault bits are
only cleared by the
CLEAR_FAULTS command.
00-01
Not used
10
Disable and Retry according to the setting in Bits [5:3].
11
Output is disabled while the fault is present. Operation resumes and the output is enabled when
the temperature falls below the OT_WARN_LIMIT.
5:3
Retry Setting
000
No retry. The output remains disabled until the fault is cleared.
001-110 Not used
111
Attempts to restart continuously, until it is commanded OFF (by the ENABLE pin or OPERATION
command or both), bias power is removed, or another fault condition causes the unit to shut
down. A retry is attempted after the temperature falls below the OT_WARN_LIMIT. The time
between the start of each attempt to restart is set by the value in Bits [2:0] multiplied by 35ms.
2:0
Retry Delay
000-111
Retry delay time = (Value +1)*35ms. Sets the time between retries in 35ms increments. Range
is 35ms to 280ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com