Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802ALAFT Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL8802ALAFT
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802ALAFT Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL8802ALAFT Datasheet HTML 17Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 18Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 19Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 20Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 21Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 22Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 23Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 24Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 21 of 91
Nov 8, 2017
When current sharing up to 2 ZL8802s (4 phases total), the
ZL8802 uses a low-bandwidth, first-order digital current sharing
technique to balance the unequal device output loading by
aligning the load lines of member devices to a reference device.
Upon system start-up, the lowest numbered phase is defined as
the reference phase and all other phases are member phases.
The reference phase broadcasts its current over the DDC bus. The
member phases use the reference current information to trim
their reference voltages (VMEMBER) to balance the current
loading of each device in the system.
Figure 10 on page 20 shows that, for load lines with identical
slopes, the member reference voltage is increased towards the
reference voltage which closes the gap between the inductor
currents.
The relation between reference and member current and voltage
is given by the following Equation 6:
Where R is the value of the droop resistance. The VOUT_DROOP
command is used to set the device output voltage droop to
achieve 4-, 6- or 8-phase current sharing.
4-, 6-, and 8-phase current sharing groups must have their DDC
and SYNC pins tied together to achieve current sensing and ensure
accurate phase offsets between current sharing phases.
Temperature Monitoring Using XTEMP Pin
Each channel of the ZL8802 supports measurement of an external
device temperature using either a thermal diode integrated in a
processor, FPGA or ASIC, or using a discrete diode-connected
2N3904 NPN transistor. Figure 11 illustrates the typical
connections required. A noise filtering capacitor, not exceeding
100pF, should be connected across the external temperature
sensing device. The external temperature sensors can be used to
provide the temperature reading for over-temperature and
under-temperature faults. The external sensors can also be used
to provide more accurate temperature compensation for inductor
DCR current sensing by being placed close to the inductor. These
options for the external temperature sensors are selected using
the USER_CONFIG PMBus command.
Nonvolatile Memory and Security Features
The ZL8802 has internal nonvolatile memory where user
configurations are stored. Integrated security measures ensure
that the user can only restore the device to a level that has been
made available to them. During the initialization process, the
ZL8802 checks for stored values contained in its internal
nonvolatile memory. The ZL8802 offers two internal memory
storage units that are accessible by the user as follows:
User Store: The user store is the most commonly used store. It
provides the ability to modify certain power supply settings while
still protecting the equipment from modifying values that can
lead to a system level fault. The equipment manufacturer would
use the user store to achieve this goal.
Default Store: The default store is less commonly used. It
provides a means to protect the circuit from damage by
preventing the user from modifying certain values that are
related to the physical construction of the circuit. In this case, the
Original Equipment Manufacturer (OEM) would use the default
store in a protected mode and allow the user to restore the
device to its default settings. In this case the user store would be
available to the end-user for making changes, but would restrict
the user from restoring the device to the factory settings or
modifying the default store.
The user store takes priority over the Default Store. If there are
no values set in the user or default store, then the device will use
the pin-strap setting value.
For details regarding protection of the user and default stores,
see the PASSWORD PMBus command.
Monitoring Through SMBus
A system controller can monitor a wide variety of different
ZL8802 parameters through the SMBus interface. The device
can monitor for fault conditions by monitoring the SALRT pin,
which will be asserted when any number of preconfigured fault
conditions occur.
The device can also be monitored continuously for any number of
power conversion parameters including, but not limited to, the
following:
•Input voltage
•Output voltage
• Input current
•Output current
• Internal junction temperature
• Temperature of an external device
• Switching frequency
• Duty cycle
• Fault status information
The PMBus Host should respond to SALRT as follows:
1. ZL device pulls SALRT low.
2. PMBus host detects that SALRT is now low, and performs
transmission with Alert Response Address to find which ZL
device is pulling SALRT low.

MEMBER
REFERENCE
OUT
MEMBER
I
I
R
V
V
(EQ. 6)
FIGURE 11. EXTERNAL TEMPERATURE MONITORING
ZL8802
XTEMPxP
XTEMPxN
ZL8802
XTEMPxP
XTEMPxN
ASIC
100pF
100pF
2N3904
DISCRETE NPN
EMBEDDED THERMAL DIODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com