Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802ALAFT Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # ZL8802ALAFT
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802ALAFT Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button ZL8802ALAFT Datasheet HTML 72Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 73Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 74Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 75Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 76Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 77Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 78Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 79Page - Renesas Technology Corp ZL8802ALAFT Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 76 of 91
Nov 8, 2017
TRACK_CONFIG (E1h)
Definition: Configures the voltage tracking modes of the device. Single device (Channel 0, Channel 1 or 2-phase) tracking is supported.
Tracking as part of a 4-, 6- or 8-phase current sharing group is not supported. When tracking, the TOFF_DELAY in the tracking device
must be greater than TOFF_DELAY + TOFF_FALL in the device being tracked. When configured to track, VOUT_COMMAND must be set to
the desired steady state output voltage.
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Protectable: Yes
Default Value: 00h
Units: N/A
COMMAND
TRACK_CONFIG (E1h)
Format
Bit Field
Bit Position
76
5
4321
0
Access
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Function
See Following Table
Default Value
0
0
0
0000
0
BIT
FIELD NAME
VALUE
SETTING
DESCRIPTION
7
Voltage Tracking Control
0
Disable
Tracking is disabled.
1
Enable
Tracking is enabled.
6:3
Not Used
0000
Not Used
Not used
2
Tracking Ratio Control
0
100%
Output Tracks at 100% ratio of VTRK input.
1
50%
Output Tracks at 50% ratio of VTRK input.
1
Tracking Upper Limit
0
Target Voltage
Output Voltage is Limited by Target Voltage.
1
VTRK Voltage
Output Voltage is Limited by VTRK Voltage.
0
Not Used
0
Not Used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com