Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87322VF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 13Page - National Semiconductor (TI) PC87322VF Datasheet HTML 14Page - National Semiconductor (TI) PC87322VF Datasheet HTML 15Page - National Semiconductor (TI) PC87322VF Datasheet HTML 16Page - National Semiconductor (TI) PC87322VF Datasheet HTML 17Page - National Semiconductor (TI) PC87322VF Datasheet HTML 18Page - National Semiconductor (TI) PC87322VF Datasheet HTML 19Page - National Semiconductor (TI) PC87322VF Datasheet HTML 20Page - National Semiconductor (TI) PC87322VF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
20 Configuration Registers (Continued)
252 Function Address Register (FAR Index e 1)
This register selects the ISA IO address range to which
each peripheral function will respond
Bits 01
These bits select the parallel port address as
shown in Table 2-5
TABLE 2-5 Parallel Port Addresses
Bit
1
Bit
0
Address
Parallel
Port
Interrupt
AT
0
0
LPT2 (378 – 37F)
IRQ5 (Note)
0
1
LPT1 (3BC – 3BE)
IRQ7
1
0
LPT3 (278 – 27F)
IRQ5
1
1
Reserved
TRI-STATE
(CTR4 e 0)
Note
The interrupt assigned to this address can be changed to IRQ7 by
setting Bit 3 of the power and test register
Bits 2–5
These bits determine which ISA IO address range
is associated with each UART (see Table 2-6 and
Table 2-7)
TABLE 2-6 COM Port Selection for UART1
FAR
UART1
Bit 3
Bit 2
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2 – 8)
1
1
4 (Table 2 – 8)
TABLE 2-7 COM Port Selection for UART2
FAR
UART2
Bit 5
Bit 4
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2-8)
1
1
4 (Table 2-8)
Note
COM3 and COM4 addresses are determined by Bits 6 and 7
Bits 67
These bits select the addresses that will be used
for COM3 and COM4 (see Table 2-8)
TABLE 2-8 Address Selection for COM3 and COM4
Bit 7
Bit 6
COM3 IRQ4
COM4 IRQ3
0
0
3E8–Fh
2E8–Fh
0
1
338–Fh
238–Fh
1
0
2E8–Fh
2E0–7h
1
1
220–7h
228–Fh
253 Power and Test Register (PTR Index e 2)
This register determines several power-down features the
power-down method used when the power-down pin
(PWDN) is asserted (crystal and clocks vs clocks only)
whether hardware power-down is enabled and provides a
bit for software power-down of all enabled functions It se-
lects whether IRQ7 or IRQ5 is associated with LPT2 It puts
the enabled UARTs into their test mode Independent of this
register the floppy disk controller can enter low power mode
via the Mode Command or the Data Rate Select Register
Bit 0
Setting this bit causes all enabled functions to be
powered-down If the crystal power-down option is se-
lected (see Bit 1) the crystal will also be powered-
down All register data is retained when the crystal or
clocks are stopped
Bit 1
When the Power-Down pin or Bit 0 is asserted this bit
determines whether the enabled functions will have
their internal clocks stopped (Bit 1 e 0) or the exter-
nal crystal (Bit 1 e 1) will be stopped Stopping the
crystal is the lowest power consumption state of the
part
However
if the crystal is stopped
a finite
amount of time (E8 ms) will be required for crystal
stabilization once the Power-Down pin (PWDN)or
Bit 0 is deasserted If all internal clocks are stopped
but the crystal continues to oscillate no stabilization
period is required after the Power-Down pin or Bit 0 is
deasserted
Bit 2
Setting this bit and bit 6 of FCR enables the chip
select function of the PWDN CSOUT ZWS pin Re-
setting this bit and setting bit 6 of FCR enables the
power-down function of this pin This bit is ignored if
bit 6 of FCR is 0
Bit 3
Setting this bit associates the parallel port with IRQ7
when the address for the parallel port is 378 – 37Fh
(LPT2) This bit is a ‘‘don’t care’’ when the parallel
port address is 3BC – 3BEh (LPT1) or 278 – 27Fh
(LPT3)
Bit 4
Setting this bit puts UART1 into a test mode which
causes its Baudout clock to be present on its SOUT1
pin if the Line Control Register bit 7 is set to 1
Bit 5
Setting this bit puts UART2 into a test mode which
causes its Baudout clock to be present on its SOUT2
pin if the Line Control Register bit 7 is set to 1
Bit 6
Setting this bit to a one prevents all further write ac-
cesses to the Configuration Registers Once this bit is
set by software it can only be cleared by a hardware
reset After the initial hardware reset this bit is zero
Bit 7
Setting this bit to one puts the parallel port into ex-
tended mode Writing zero to this bit puts the parallel
port into compatible mode During reset the inverted
value of the POE is latched into this bit This bit is
valid only when not in EPP mode (bit 0 of PCR is 0)
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com