Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87322VF Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 27Page - National Semiconductor (TI) PC87322VF Datasheet HTML 28Page - National Semiconductor (TI) PC87322VF Datasheet HTML 29Page - National Semiconductor (TI) PC87322VF Datasheet HTML 30Page - National Semiconductor (TI) PC87322VF Datasheet HTML 31Page - National Semiconductor (TI) PC87322VF Datasheet HTML 32Page - National Semiconductor (TI) PC87322VF Datasheet HTML 33Page - National Semiconductor (TI) PC87322VF Datasheet HTML 34Page - National Semiconductor (TI) PC87322VF Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
40 FDC Command Set Description (Continued)
422 Dumpreg Command
The Dumpreg command is designed to support system run-
time diagnostics and application software development and
debug This command has a one byte command phase and
a ten byte result phase which return the values of parame-
ters set in other commands That is the PTR (Present Track
Register) contains the least significant byte of the track the
microcode has stored for each drive The Step Rate Time
Motor Off and Motor On Times and the DMA bit are all set
in the Specify command
The sixth byte of the result phase varies depending on what
commands have been previously executed
If a format command has previously been issued and no
reads or writes have been issued since then this byte will
contain the sectors per track value If a read or write com-
mand has been executed more recently than a format com-
mand this byte will contain the end of track value The
LOCK bit is set in the Lock command The eighth result byte
also contains the bits programmed in the Perpendicular
Mode command The last two bytes of the Dumpreg Result
Phase are set in the Configure command After a hardware
or software reset the parameters in the result bytes will be
set to their appropriate default values
Note
Some of these parameters are unaffected by a software reset de-
pending on the state of the LOCK bit
423 Format Track Command
This command will format one track on the disk in IBM ISO
or Perpendicular Format After the index hole is detected
data patterns are written on the disk including all gaps ad-
dress marks Address Fields and Data Fields The exact
format is determined by the following parameters
1 The MFM bit in the Opcode (first command) byte which
determines the format of the Address Marks and the en-
coding scheme
2 The IAF bit in the Mode command which selects be-
tween IBM and ISO format
3 The WGATE and GAP bits in the Perpendicular Mode
command which select between the conventional and
Toshiba Perpendicular format
4 The Bytes per Sector code which determines the sector
size
5 The Sector per Track parameter which determines how
many sectors will be formatted on the track
6 The Data Pattern byte which is used as the filler byte in
the Data Field of each sector
To allow for flexible formatting the mP must supply the four
Address Field bytes (track head sector bytes per sector
code) for each sector formatted during the Execution
Phase This allows for non-sequential sector interleaving
This transfer of bytes from the mP to the controller can be
done in the DMA or Non-DMA mode with the FIFO enabled
or disabled
The Format command terminates when the index hole is
detected a second time at which point an interrupt is gener-
ated Only the first three status bytes in the Result Phase
are significant The Format Gap byte in the Command
Phase is dependent on the data rate and type of disk drive
and will control the length of GAP3 Some typical values for
the programmable GAP3 are given in Table 4-1 (next page)
Figure 4-1 shows the track format for the different formats
recognized by the format command
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com