Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87322VF Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) PC87322VF Datasheet HTML 57Page - National Semiconductor (TI) PC87322VF Datasheet HTML 58Page - National Semiconductor (TI) PC87322VF Datasheet HTML 59Page - National Semiconductor (TI) PC87322VF Datasheet HTML 60Page - National Semiconductor (TI) PC87322VF Datasheet HTML 61Page - National Semiconductor (TI) PC87322VF Datasheet HTML 62Page - National Semiconductor (TI) PC87322VF Datasheet HTML 63Page - National Semiconductor (TI) PC87322VF Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
70 Parallel Port (Continued)
2 When WAIT goes low the EPP pulls ASTRB low and
waits for WAIT to go high
If wait was already low steps 2 and 3 occur concurrently
3 When WAIT goes high the EPP stops pulling IOCHRDY
low latches PD0 – 7 and pulls ASTRB high
4 When RD goes high the EPP TRI-STATEs D0 – 7
EPP 19 Data Write and Data Read
This procedure writes to the selected peripheral drive or
register
EPP 19 data read and write operations are similar to EPP
19 address read and write operations respectively except
that the data strobe (DSTRB signal) and a data register re-
place the address strobe (ASTRB signal) and the address
register
TLC11870 – 26
FIGURE 7-5 EPP 19 Address Read
PPM Parallel Port Multiplexor
PPM is used for a PC which may have an internal Floppy
Disk Drive (FDD) connected via regular FDC pins to inter-
face with either a printer or an external FDD via a 25-pin
DIN connector The printer and external FDD may be
switched without turning the PC off and without updating
the DOS device tables The software may assign ‘‘A’’ to the
FDD connected to the regular FDC pins and ‘‘B’’ to the
FDD connected to the PPM pins (the default assignment)
or vice versa
The Multiplexors
1 The FDC output signals are always connected to the reg-
ular FDC output pins
The FDC output signals are connected to the PPM output
pins when the PPM is enabled (bit 2 of FCR is 1) and a
floppy drive is connected to it (PFN e 0) (See Table
7-5)
The FDC input signals are connected to the regular FDC
pins when either bit 2 of FCR is 0 or PNF e 1
The FDC input pins are internally multiplexed between
the regular FDC pins and the PPM pins when bit 2 of FCR
is 1 and PNF e 0 as follows
the PPM pins are connected to the FDC input signals
when DR1 e 0
the regular pins are connected to the FDC input sig-
nals when DR1 e 1
2 Floating the PPM pins
To support ‘‘true’’ floating pins the pins are back-drive
protected
When bit 3 of FCR is 1 the PPM pins are floating
3 Multiplexing parallel port signals with FDC signals on the
PPM pins
When the PPM is not enabled (bit 2 of FCR is 0) the
parallel port signals are connected to the PPM pins
When bit 2 of FCR is 1 and PNF e 1 the parallel port
signals are connected to the PPM pins
When bit 2 of FCR is 1 and PNF e 0 the FDC output
signals are connected to the PPM pins
Reading back the DTR or CTR returns their written values
and thus the parallel port module sees ‘‘cable not con-
nected’’
Input signals reflected in the STR assume their default
values
BUSY e 1 PE e 0 SLCT e 0 ACK e 1
The following table shows the standard 25-pin D-type con-
nector definition for various parallel port operations
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com