Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87322VF Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 52Page - National Semiconductor (TI) PC87322VF Datasheet HTML 53Page - National Semiconductor (TI) PC87322VF Datasheet HTML 54Page - National Semiconductor (TI) PC87322VF Datasheet HTML 55Page - National Semiconductor (TI) PC87322VF Datasheet HTML 56Page - National Semiconductor (TI) PC87322VF Datasheet HTML 57Page - National Semiconductor (TI) PC87322VF Datasheet HTML 58Page - National Semiconductor (TI) PC87322VF Datasheet HTML 59Page - National Semiconductor (TI) PC87322VF Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
70 Parallel Port
71 INTRODUCTION
This parallel interface is designed to provide all of the sig-
nals and registers needed to communicate through a stan-
dard parallel printer port as found in the IBM PC AT PS2
and Centronics systems The address decoding of the regis-
ters utilizing A0 and A1 is shown in Table 7-1 Table 7-3
shows the Reset states of Parallel port registers and pin
signals All bits in these registers are located in the same
positions and have the same functions as the registers of
the systems listed above These registers are shown in Sec-
tion 7-2 to Section 7-4
TABLE 7-1 Parallel Interface Register Addresses
A1
A0
Address
Register
Access
0
0
0
Data
ReadWrite
0
1
1
Status
Read
1
0
2
Control
ReadWrite
1
1
3
TRI-STATE
Special circuitry provides protection against damage that
might be caused when the printer is powered but the
PC87322VF is not
There are two Standard Parallel Port (SPP) modes of opera-
tion (Compatible and Extended see Table 7-2) and two
Enhanced Parallel Port (EPP) modes of operation (17 19)
In Compatible Mode a write operation causes the data to be
presented on pins PD0 – PD7 A read operation in this mode
causes the Data Register to present the last data written to
it by the CPU
TABLE 7-2 SPP Data Register Read and Write Modes
PTR7
PDIR
CTR5
RD
WR
Result
0
0
X
1
0
Data Written to
PD0 – PD7
0
1
X
1
0
Data Written is
Latched
0
0
X
0
1
Data Read from
the Output Latch
0
1
X
0
1
Data Read from
PD0 – PD7
1
X
0
1
0
Data Written to
PD0 – PD7
1
X
1
1
0
Data Written is
Latched
1
X
0
0
1
Data Read from
the Output Latch
1
X
1
0
1
Data Read from
PD0 – PD7
In the Extended Mode a write operation to the data register
causes the data to be latched If the Data Port Direction bit
(CTR5) is 0 the latched data is presented to the pins if it is
1 the data is only latched In the Extended Mode when Data
Port Direction bit (CTR5) is 0 a read operation to this regis-
ter allows the CPU to read the last data it wrote to the port
In the Extended Mode with the Data Port Direction bit set to
1 (read) a read operation to this register causes the port to
present the data on pins PD0 – PD7
Port Function
PTR7
Compatible
0
Extended
1
72 DATA REGISTER (DTR)
TLC11870 – 19
This is a bidirectional data port that transfers 8-bit data The
direction is determined by the logic state of PDIR pins the
PTR7 and the CTR5 bits When PTR7 is high the CTR5 bit
will determine the data direction in conjunction with the
Read and Write strobes When PTR7 bit is low the PDIR pin
will also be sensed during reset and it will determine the port
direction See PTR7 bit CTR5 bit POE and PDIR pins for
further information
73 STATUS REGISTER (STR)
TLC11870 – 20
This register provides status for the signals listed below It is
a read only register Writing to it is an invalid operation that
has no effect
Bit 0
When in EPP mode this is the timeout status bit
When this bit is 0 no timeout
When this bit is 1 timeout occurred on EPP cycle
(min 10 msec)
It is cleared to 0 after STR is read ie consecutive
reads (after the first read) always return 0 It is also
cleared to 0 when EPP is enabled (bit 0 of PCR is
changed from 0 to 1)
When not in EPP mode this bit is 1
Bit 1
Reserved this bit is always 1
Bit 2
In the compatible mode (bit 7 of PTR is 0) or in EPP
mode (bit 4 of PCR is 0) this bit is always one In the
Extended Mode (bit 7 of PTR is 1) it is the IRQ
STATUS bit In the Extended mode if bit 4 of CTR is
1 or in EPP mode if bit 4 of PCR is 1 this bit is
latched low when the ACK signal makes a transition
from low to high Reading this bit sets it to 1
Bit 3
This bit represents the current state of the printer
error signal (ERROR) The printer sets this bit low
when there is a printer error This bit follows the state
of the ERR pin
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com