Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITZ Datasheet(PDF) 3 Page - XP Power Limited

Part # ITZ
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITZ Datasheet(HTML) 3 Page - XP Power Limited

  ITZ Datasheet HTML 1Page - XP Power Limited ITZ Datasheet HTML 2Page - XP Power Limited ITZ Datasheet HTML 3Page - XP Power Limited ITZ Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ITZ Series
www.xppower.com
DC-DC Converter
3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
±6 kV/±8 kV
A
Contact/Air Discharge
Radiated Immunity
EN61000-4-3
20 Vrms
A
EFT/Burst
EN61000-4-4
±2 kV
A
See application note
Surges
EN61000-4-5
±2 kV
A
See application note
Conducted Immunity
EN61000-4-6
10 V rms
A
Magnetic Fields
EN61000-4-8
100 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55032
Class A
See application note
Radiated
EN55032
Class A
See application note
1. All dimensions are in inches (mm)
2. Weight: 0.013 lbs (5.9 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Mechanical Details
0.86
(21.85)
0.16
(4.10)
0.42
(10.70)
0.02
(0.50)
0.10
(2.54)
0.30
(7.62)
0.70
(17.78)
1
2
36
7
8
0.38
(9.60)
0.44
(11.20)
Printed
Face
0.02
(0.50)
0.38
(9.60)
0.14
(3.42)
0.42
(10.60)
0.04
(1.00)
0.01
(0.25)
3
6
78
1
2
910
11
12
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote On/Off
Remote On/Off
6
+Vout
+Vout
7
-Vout
Common
8
No Connection
-Vout
9
Case
Case
10
Stand Off
Stand Off
11
Stand Off
Stand Off
12
Case
Case



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com