Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITZ Datasheet(PDF) 1 Page - XP Power Limited

Part # ITZ
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITZ Datasheet(HTML) 1 Page - XP Power Limited

  ITZ Datasheet HTML 1Page - XP Power Limited ITZ Datasheet HTML 2Page - XP Power Limited ITZ Datasheet HTML 3Page - XP Power Limited ITZ Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ITZ Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
• Ultra Compact SIP-8 Package
• Smallest Footprint 9 W Converter
• Single & Dual Outputs
• 4:1 Input Range
• Operating Temperature -40 °C to +85 °C
• 1600 VDC Isolation
• Fully Regulated Output
• No Minimum Load Required
• Remote On/Off
• 3 Year Warranty
Dimensions:
ITZ:
0.86 x 0.38 x 0.44” (21.9 x 9.6 x 11.2 mm)
9 Watts
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load(2)
Efficiency
Model Number
No Load
Full Load
9-36 V
3.3 V
2000 mA
9 mA
335 mA
2600 µF
82%
ITZ0924S3V3
5 V
1600 mA
9 mA
390 mA
1300 µF
85%
ITZ0924S05
9 V
1000 mA
9 mA
435 mA
800 µF
86%
ITZ0924S09
12 V
750 mA
9 mA
425 mA
560 µF
88%
ITZ0924S12
15 V
600 mA
9 mA
420 mA
560 µF
89%
ITZ0924S15
24 V
375 mA
9 mA
420 mA
200 µF
89%
ITZ0924S24
±5 V
±600 mA
9 mA
390 mA
±800 µF
85%
ITZ0924D05
±12 V
±250 mA
9 mA
425 mA
±390 µF
88%
ITZ0924D12
±15 V
±200 mA
9 mA
425 mA
±200 µF
88%
ITZ0924D15
18-75 V
3.3 V
2000 mA
5 mA
170 mA
2600 µF
82%
ITZ0948S3V3
5 V
1600 mA
5 mA
170 mA
1300 µF
85%
ITZ0948S05
9 V
1000 mA
5 mA
220 mA
800 µF
86%
ITZ0948S09
12 V
750 mA
5 mA
210 mA
560 µF
89%
ITZ0948S12
15 V
600 mA
5 mA
215 mA
560 µF
88%
ITZ0948S15
24 V
375 mA
5 mA
215 mA
200 µF
88%
ITZ0948S24
±5 V
±600 mA
5 mA
195 mA
±800 µF
85%
ITZ0948D05
±12 V
±250 mA
5 mA
215 mA
±390 µF
87%
ITZ0948D12
±15 V
±200 mA
5 mA
215 mA
±200 µF
87%
ITZ0948D15
0.86
(21.85)
0.16
(4.10)
0.42
(10.70)
0.02
(0.50)
0.10
(2.54)
0.30
(7.62)
0.70
(17.78)
1
2
36
7
8
0.38
(9.60)
0.44
(11.20)
Printed
Face
0.02
(0.50)
0.38
(9.60)
0.14
(3.42)
0.42
(10.60)
0.04
(1.00)
0.01
(0.25)
3
6
78
1
2
910
11
12
1. All dimensions are in inches (mm)
2. Weight: 0.013 lbs (5.9 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Pin Connections
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3 Remote On/Off Remote On/Off
6
+Vout
+Vout
7
-Vout
Common
8 No Connection
-Vout
9
Case
Case
10
Stand Off
Stand Off
11
Stand Off
Stand Off
12
Case
Case
Mechanical Details


Similar Description - ITZ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com