Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITZ Datasheet(PDF) 4 Page - XP Power Limited

Part # ITZ
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITZ Datasheet(HTML) 4 Page - XP Power Limited

  ITZ Datasheet HTML 1Page - XP Power Limited ITZ Datasheet HTML 2Page - XP Power Limited ITZ Datasheet HTML 3Page - XP Power Limited ITZ Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ITZ Series
www.xppower.com
DC-DC Converter
07 Dec 17
ITZ
C1
D1
+
-
+Vin
-Vin
C1 suggested series Nippon Chemicon KY
EFT/Surge Filter
Application Note
Models
C1
D1
24 Vin
330 µF, 100 V
TVS, 3 kW, 70 V
48 Vin
330 µF, 100 V
TVS, 3 kW, 120 V
Models
C1,C2,C3
C4, C5, C6, C7
L1
L2
24 Vin
1210, 106M/35 V
1808, 221K/3 kV
20 µH
20 µH
48 Vin
1210, 475M/100 V
1808, 102K/3 kV
132.8 µH
10 µH
Models
C1,C2,C3 C4, C5, C6
C7
L1
L2
24 Vin
1210,
106M/35 V
1808,
221K/3 kV
1808,
102K/3 kV
20 µH
20 µH
Models
C1,C2,C3
C5, C6
C4, C7
L1
L2
48 Vin
1210,
475K/100 V
1808,
102K/3 kV
1808,
221K/3 kV
132.8 µH
10 µH
ITZ
+Vout
-Vout
+Vin
-Vin
C4
C5
C2
+
-
C3
Load
L1
L2
C6
C7
C1
ITZ
+Vout
Com
-Vout
+ Vin
-Vin
C5
C6
C2
+
-
C3
Load
Load
L1
L2
C4
C7
C1
ITZ
+Vout
Com
-Vout
+Vin
-Vin
C5
C6
C2
+
-
C3
Load
Load
L1
L2
C4
C7
C1
EMI Filter
Single Output Models
Dual Output Models
24 V Version
48 V Version



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com