Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITZ Datasheet(PDF) 2 Page - XP Power Limited

Part # ITZ
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITZ Datasheet(HTML) 2 Page - XP Power Limited

  ITZ Datasheet HTML 1Page - XP Power Limited ITZ Datasheet HTML 2Page - XP Power Limited ITZ Datasheet HTML 3Page - XP Power Limited ITZ Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ITZ Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
30
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
At full load
Minimum Load
0A
No minimum load required
Line Regulation
±0.2
%
Load Regulation
±0.5
%
Single output from 0 to full load
±1
%
Dual output and single 3V3 output from 0 to full load
Cross Regulation
±5
%
On dual output models when one load is varied between
25% and 100% and other is fixed at 100%
Transient Response
±5/±3
% deviation
For 3V3 & 5V output models / all other models.
Recovery within 2% in less than 2ms for a 25% load change
Ripple & Noise
75
mV pk-pk
20 MHz bandwidth. Measured using 0.1 µF ceramic capacitor
Short Circuit Protection
Continuous, with auto recovery
Over Voltage Protection
130
%
Over Load Protection
180
%
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Remote On/Off
Output is on if remote on/off (pin 3) is open circuit.
Output is off if 2-4 mA current is applied to remote on/off (pin 3) via 1 k
Ωresistor.
Maxiumum pin voltage is 5 V and maximum current into pin 3 is 4 mA.
Note: Output may be affected with current into the pin as low as 10 µA.
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9
36
VDC
24 V nominal
18
75
VDC
48 V nominal
Input Filter
Capacitor
Input Reflected Ripple
20/40
mA pk-pk
24/48 V input. Through 12 µH inductor and 47 µF capacitor
Input Surge
50
VDC for 100 ms
24 V models
100
VDC for 100 ms
48 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
88
%
See Models and Ratings table
Isolation: Input to Output
1600
VDC
For 60 seconds
Isolation: Input/Output to Case
1000
VDC
For 60 seconds
Switching Frequency
400/500
kHz
24 V input/48 V input
Isolation Resistance
109
Ω
Isolation Capacitance
50
pF
Power Density
62.6
Win3
Mean Time Between Failure
900
KHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.013 (5.9)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
Derate from 100% load at +60 °C to no load at +85 °C,
and 100% load at 50 °C to no load at
85 °C for 3V3 models
Storage Temperature
-55
+125
°C
Case Temperature
+100
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com