Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVR
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC2G04DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-1.0
-0.5
IOH (mA)
VCC: 4.5 V
VIH: 3.10 V
VIL: 1.35 V
VOH vs IOH 1Y
-40 C
25 C
85 C
SN74LVC2G04
SCES195N – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
TEST CONDITIONS
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
–40°C to 85°C
3.1
8
1.5
4.4
1.2
4.1
1
3.2
ns
tpd
A
Y
–40°C to 125°C
3.1
8
1.5
4.9
1.2
4.6
1
3.7
ns
6.7 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
14
14
14
16
pF
6.8 Typical Characteristics
Figure 1. IOH vs VOH
6
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com